công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-2E-R/BN

  • AI
    The **TCS-2E-R/BN** is a specialized electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Cylinder Switch**. These parts are widely used in industrial automation to detect the position of a piston within a pneumatic or hydraulic cylinder. --- ### 1. Technical Specifications The "R/BN" designation usually refers to the wiring configuration and the internal switching element (often a Reed switch or NPN/PNP transistor). | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Magnetic Proximity (Reed Switch) | | **Operating Voltage** | 5V - 240V AC/DC (varies by sub-model) | | **Switching Current** | 100mA max | | **Contact Rating** | 10W max | | **Indicator** | Red LED (usually indicates "ON" state) | | **Internal Protection** | None or Varistor (depends on specific series) | | **Cable Length** | 2 Meters (Standard) | --- ### 2. Physical Construction The device is designed for durability in industrial environments: * **Housing:** Plastic (PBT or similar) designed to fit into "T-slots" or "C-slots" of a cylinder. * **Potting:** The internal electronics are encased in epoxy resin to provide IP67-rated protection against moisture and dust. * **Cable:** Oil-resistant PVC jacket with 2 or 3 internal wires. --- ### 3. Wiring Diagram The **BN** suffix often signifies a specific color coding (Brown/Blue) or a specific polarity. Below is the standard 2-wire configuration for this type of sensor: ```mermaid graph LR A[Power +] --> B(Brown Wire) B --> C[TCS-2E-R Sensor] C --> D(Blue Wire) D --> E[Load / PLC Input] E --> F[Common / Ground] ``` ### 4. Key Functions 1. **Non-Contact Sensing:** Detects a magnetic ring built into the internal piston of a cylinder. 2. **Logic Feedback:** Sends a signal to a PLC (Programmable Logic Controller) when the cylinder reaches its stroke limit (extended or retracted). 3. **Visual Diagnostics:** The integrated LED allows technicians to verify if the sensor is aligned correctly without needing a multimeter. --- ### 5. Application Precautions * **Magnetic Interference:** Do not install near high-voltage cables or large motors, as external magnetic fields can trigger the sensor falsely. * **Current Limiting:** Always use a load (like a relay coil or PLC input). Connecting the sensor directly across a power supply will burn out the internal Reed switch instantly. * **Mounting:** Ensure the set screw is tightened sufficiently to prevent migration due to machine vibration.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Reed switch and Solid State versions of this sensor?
    • ⤷ How do I test if a TCS-2E-R/BN sensor is faulty using a multimeter?
    • ⤷ Can this sensor be used with both AC and DC voltages?