công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-2D-R/Q

  • AI
    The **TCS-2D-R/Q** typically refers to a high-precision **Electronic Weighing Indicator** or a specific controller used in platform scales (TCS series). These devices bridge the gap between mechanical force and digital data. Below is an explanation of the core electronic components and their functions. --- ### 1. Primary Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell (Sensor)** | Strain gauge bridge (usually aluminum or alloy steel). | Converts physical weight/pressure into a millivolt (mV) electrical signal. | | **A/D Converter** | High-resolution Analog-to-Digital chip (e.g., HX711 or similar). | Converts the tiny analog signals from the load cell into digital data for the CPU. | | **Microcontroller (MCU)** | The "Brain" of the unit (8-bit or 32-bit CMOS). | Processes calibration data, handles taring, and manages the display output. | | **Display Module** | LED (Red) or LCD (with backlight). | Shows weight, unit price, and total amount (3-window layout is common). | | **Power Management** | Transformer, Rectifier, and Voltage Regulator. | Converts AC wall power to stable DC (usually 4V or 6V) and manages battery charging. | --- ### 2. Circuit Architecture The device operates through a specific signal chain: 1. **Excitation:** The mainboard sends a stable excitation voltage (e.g., +5V) to the load cell. 2. **Signal Acquisition:** When weight is applied, the load cell returns a differential signal in the range of **0-20mV**. 3. **Amplification & Filtering:** Because the signal is weak and prone to noise, the internal circuitry filters electromagnetic interference (EMI) and amplifies the signal. 4. **Processing:** The MCU applies "Calibration Factors" stored in the **EEPROM** (Non-volatile memory) to the digital signal to ensure the number on the screen matches the physical weight. --- ### 3. Key Electronic Specifications If you are repairing or integrating this part, note these common electronic parameters: * **Power Supply:** Dual mode (AC 220V/110V and DC 4V/6V Lead-Acid Rechargeable Battery). * **Input Sensitivity:** Typically $1.5 \mu V/d$ to $3 \mu V/d$. * **Load Cell Drive:** Can usually power 1 to 4 load cells (350 $\Omega$). * **Communication Interface:** Often features an **RS-232** port (in the "Q" or "R" variants) for connecting to a PC or a thermal printer. --- ### 4. Common Troubleshooting (Electronic Level) ```python # Logic for "Err" or "OFL" (Overload) signals if signal_input > max_capacity: display("OFL") # Check if Load Cell is deformed elif signal_input == 0: display("Err 0") # Check for broken Excitation wires (E+, E-) ``` ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the TCS-2D indicator if the weight is inaccurate?
    • ⤷ What are the pinout definitions for the RS-232 port on this model?
    • ⤷ Can I replace the lead-acid battery with a Lithium-ion equivalent?