TCS-25-R/E
AI

The **TCS-25-R/E** is a specific series of high-precision current transducers, typically manufactured by companies like **LEM** or **TCS (Transducer Control Systems)**. These components are designed to measure DC, AC, and pulse currents with high accuracy using the **Closed-Loop Hall Effect** technology.
---
### 1. Technical Specifications
The "25" in the model name usually denotes the primary nominal current ($I_{PN}$), while "R/E" refers to the mounting style or specific output sensitivity.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Primary Nominal Current ($I_{PN}$)** | 25 A |
| **Measuring Range** | 0 to ±55 A |
| **Secondary Nominal Current ($I_{SN}$)** | 25 mA or 50 mA (Model dependent) |
| **Supply Voltage ($V_C$)** | ±12V to ±15V DC |
| **Accuracy** | ±0.5% |
| **Linearity** | < 0.1% |
| **Response Time** | < 1 µs |
| **Bandwidth** | DC to 150 kHz |
---
### 2. Internal Electronic Components
The device is an integrated module consisting of the following key stages:
1. **Magnetic Core:** A high-permeability soft magnetic ring that surrounds the primary conductor to concentrate the magnetic flux.
2. **Hall Effect Generator:** A semiconductor sensor placed in the air gap of the magnetic core. It detects the magnetic field generated by the primary current.
3. **Compensation Circuit (Operational Amplifier):** An internal high-gain amplifier that receives the Hall sensor signal and drives a current through a secondary "compensation" coil.
4. **Secondary Coil:** Wound around the magnetic core, this coil creates an opposing magnetic field to cancel out the primary flux (hence "Closed-Loop").
5. **Shunt Resistor Interface:** The output is a current proportional to the primary current, which can be converted to voltage using an external resistor ($R_M$).
---
### 3. Pin Configuration (Typical PCB Mount)
The TCS-25 series usually features 4 to 5 pins:
| Pin | Designation | Description |
| :--- | :--- | :--- |
| **+** | +Vcc | Positive supply voltage (+15V) |
| **-** | -Vcc | Negative supply voltage (-15V) |
| **M** | Output / Measure | The secondary current signal output |
| **0** | GND | Ground / Common terminal |
---
### 4. Key Advantages
* **Galvanic Isolation:** The measuring circuit is electrically isolated from the high-voltage primary circuit (usually up to 3kV).
* **High Dynamic Performance:** Capable of tracking fast-changing waveforms (di/dt) without significant delay.
* **Thermal Stability:** Because it operates in a closed-loop "zero-flux" mode, it is less susceptible to temperature-induced drift than open-loop sensors.
---
### 5. Common Applications
* **Variable Speed Drives (VFDs):** Monitoring motor current.
* **Uninterruptible Power Supplies (UPS):** Managing battery charging and load balancing.
* **Solar Inverters:** Tracking DC output from panels.
* **Welding Power Supplies:** Precision control of high-current outputs.
- ⤷
What is the difference between closed-loop and open-loop Hall Effect sensors?
- ⤷ How do I calculate the burden resistor (Rm) for a 5V output?
- ⤷ Does the TCS-25-R/E require a bipolar power supply?