công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-24-R/Q

  • AI
    The **TCS-24-R/Q** is a specific series of high-precision electronic components, most commonly identified as **Thin Film Surface Mount Chip Resistors** manufactured by companies like Susumu. These components are critical in precision electronics where stability and low noise are paramount. Below is an explanation of the electronic characteristics and the meaning of the alphanumeric code. --- ### 1. Technical Specifications The TCS-24 series is known for its high reliability and precision. Here are the typical electronic specifications: | Parameter | Specification (Typical) | | :--- | :--- | | **Material** | Metal Thin Film (Inorganic) | | **Tolerance** | Usually ±0.1% or ±0.5% | | **Temperature Coefficient (TCR)** | ±25 ppm/°C or ±50 ppm/°C | | **Power Rating** | 0.063W (1/16W) or 0.1W depending on size | | **Operating Temp Range** | -55°C to +125°C | | **Case Size** | Often corresponds to 0402 or 0603 SMD footprints | --- ### 2. Breakdown of the "R/Q" Designators In the context of high-precision resistors, the letters following the series number usually refer to the **Tolerance** and **TCR** (Temperature Coefficient of Resistance): * **R (Resistance Tolerance):** Often represents a tolerance of **±0.05%** or **±0.1%** in precision series. * **Q (TCR Value):** Typically signifies a Temperature Coefficient of **±50 ppm/°C**. --- ### 3. Key Electronic Features * **Low Noise:** Thin film technology provides significantly lower current noise compared to standard thick film resistors. * **Long-term Stability:** The inorganic thin film layer is highly resistant to environmental aging, maintaining its resistance value over thousands of hours of operation. * **Sulfur Resistance:** These parts are often designed to be anti-sulfur, preventing corrosion in industrial environments. ### 4. Common Applications Due to their precision, the TCS-24-R/Q components are used in: 1. **Medical Equipment:** Monitoring devices and diagnostic tools. 2. **Instrumentation:** Precision scales, multimeters, and data acquisition systems. 3. **Automotive:** ECU (Engine Control Unit) sensors and safety systems. 4. **Telecommunications:** Base station power management and signal processing. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between thin film and thick film resistors?
    • ⤷ How do I read the full part number for a specific resistance value?
    • ⤷ What are the soldering requirements for the TCS-24 series?