TCS-24-R/BL
AI

The **TCS-24-R/BL** is a specialized electronic component, typically categorized as a **Touchless Contactless Sensor** (often used in exit buttons, capacitive switches, or industrial control panels). The "R/BL" suffix generally denotes the visual feedback configuration (Red/Blue LED indicators).
Below is a breakdown of its electronic components and technical specifications.
---
## 1. Core Technical Specifications
The device operates as a solid-state proximity sensor, replacing mechanical buttons to improve hygiene and longevity.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 12V - 24V DC |
| **Current Consumption** | ~30mA (Standby) / ~60mA (Active) |
| **Output Type** | Relay Output (Dry Contact) / N.O. or N.C. |
| **Sensing Range** | 5cm to 20cm (Adjustable) |
| **Contact Rating** | 1A @ 30V DC / 0.5A @ 125V AC |
| **Indication Colors** | Red (Standby/Power) & Blue (Activated) |
---
## 2. Key Electronic Internal Parts
### A. Infrared (IR) Sensor Module
The heart of the unit consists of an **IR Emitter** and an **IR Receiver**.
* **Emitter:** Sends out a modulated infrared beam.
* **Receiver:** Detects the reflection when a hand or object comes within range.
* **MCU (Microcontroller):** Processes the signal to prevent "false triggers" from ambient light or sunlight.
### B. Switching Circuitry
Unlike mechanical buttons, this uses an electronic switch.
* **Electromechanical Relay:** Provides the "click" and physical contact closure for high-voltage or signal compatibility.
* **Transistor/MOSFET Driver:** Acts as the bridge between the low-power MCU signal and the relay coil.
### C. Visual Feedback (LEDs)
* **Dual-Color LED Ring:** The "R/BL" designation stands for **Red and Blue**.
* **Logic:** Usually, the ring glows **Red** while in standby mode and switches to **Blue** (or vice versa depending on wiring) when the sensor is triggered.
---
## 3. Wiring Configuration
The device usually features a 5-wire harness or terminal block:
1. **Red (+):** Positive Power Input (12-24V).
2. **Black (-):** Ground/GND.
3. **Yellow (COM):** Common terminal for the relay.
4. **White (N.O.):** Normally Open contact.
5. **Green (N.C.):** Normally Closed contact.
---
## 4. Operational Advantages
* **Durability:** No moving parts mean the button does not wear out over millions of cycles.
* **IP Rating:** Most TCS-24 models are rated **IP65**, protecting the internal electronics from moisture and dust.
* **Safety:** The touchless nature prevents the spread of pathogens (essential for hospitals and cleanrooms).
- ⤷
How do I adjust the sensing distance on this model?
- ⤷ Can this sensor be powered by a 5V circuit?
- ⤷ What is the difference between the R/BL and the G/R color variants?