TCS-1E-R
AI

The **TCS-1E-R** is a specific electronic component typically identified as a **Temperature Control Switch** or a thermal protection device, often used in consumer electronics, industrial machinery, and automotive applications.
Below is a detailed breakdown of its electronic characteristics and functional parameters.
---
### 1. Key Technical Specifications
While specific manufacturers (like Uchihashi or others) may have slight variations, the "TCS" series generally follows these standard electronic parameters:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Thermal Cutoff (TCO) / Thermal Fuse |
| **Current Rating** | Typically 1A to 2A (depending on circuit voltage) |
| **Voltage Rating** | Usually rated for 250V AC or 50V DC |
| **Operating Temperature** | Defined by the specific "E" suffix (often range from 70°C to 150°C) |
| **Material** | Ceramic or Resin body with alloy-based thermal pellet |
| **Termination Style** | Radial (R) leads (leads exiting from one side) |
---
### 2. Physical Design (Radial Type)
The **"R"** in the part number signifies a **Radial** configuration. In electronics, this refers to the physical orientation of the leads (the metal wires).
* **Radial Leads:** Both wires exit the body of the component from the same end. This is ideal for vertical mounting on a Printed Circuit Board (PCB) to save horizontal space.
* **Body Construction:** The internal "active" element is encased in a thermoset resin or ceramic case to protect it from environmental humidity and oxidation.
---
### 3. Electronic Functional Mechanism
The TCS-1E-R functions as a **non-resettable safety device**. Here is how it operates electronically:
1. **Normal State:** The internal thermal element is solid, maintaining a closed circuit and allowing electricity to flow through the device.
2. **Overheat Event:** When the ambient temperature reaches the specific "Functioning Temperature" (Tf), the internal alloy melts.
3. **Circuit Interruption:** A mechanical spring or surface tension pulls the melted alloy apart, creating a permanent physical gap in the circuit.
4. **Protection:** The flow of current stops instantly, preventing fire or further damage to the device.
---
### 4. Common Applications
Due to its small footprint and radial design, the TCS-1E-R is frequently found in:
* **Power Adapters:** Protecting against internal transformer overheating.
* **Battery Packs:** Preventing thermal runaway during charging.
* **Small Motors:** Found in household fans or kitchen appliances.
* **LED Drivers:** Protecting the sensitive circuitry from heat-induced failure.
---
- ⤷
What is the difference between a resettable PTC and a thermal fuse like the TCS-1E-R?
- ⤷ How do I determine the specific trip temperature for the 'E' variant?
- ⤷ What are the soldering precautions for radial thermal switches?