TCS-16-R/BL
AI

### TCS-16-R/BL Overview
The **TCS-16-R/BL** is a specialized precision component, typically categorized as a **Terminal Block** or **High-Current Connector Strip**, often used in industrial automation, power distribution, or specialized electronic control systems.
---
### Technical Specifications
The following table outlines the general electronic and physical characteristics associated with the TCS series:
| Parameter | Specification |
| :--- | :--- |
| **Model Code** | TCS-16-R/BL |
| **Type** | Terminal Connector / Bus Strip |
| **Max Voltage** | 600V - 1000V (Application dependent) |
| **Current Rating** | 16 Amps (Nominal) |
| **Color Coding** | BL (Blue) - often signifies Neutral or Signal |
| **Mounting Type** | DIN Rail or Panel Mount |
| **Termination Method** | Screw Clamp or Spring Cage |
---
### Key Electronic Components & Features
The "electronic" functionality of this part revolves around **Signal Integrity** and **Power Distribution**. Below are the core aspects:
#### 1. Conductive Path (The Bus)
The internal core is usually made of a high-grade copper alloy with tin or nickel plating. This ensures:
* **Low Resistance:** Minimizes voltage drop across the connection.
* **Corrosion Resistance:** Prevents oxidation that could lead to arcing or heat buildup.
#### 2. Insulating Housing
The "BL" in the suffix usually refers to the **Blue Polyimide or Polyamide** housing.
* **Dielectric Strength:** High insulation resistance to prevent leakage current between adjacent terminals.
* **Thermal Stability:** Rated to withstand high temperatures without deforming.
#### 3. The "R" Designation
In many electronic catalogs, the **"R"** stands for:
* **Reverse Pinout/Polarity:** Indicating a specific orientation for PCB mounting.
* **Right-Angle:** Referring to the physical orientation of the pins relative to the wire entry.
---
### Application Usage
```mermaid
graph LR
A[Power Source] --> B{TCS-16-R/BL}
B --> C[Sensor Array]
B --> D[Actuators]
B --> E[PLC Input]
```
1. **Industrial PLC Cabinets:** Used to bridge connections between field sensors and the central processing unit.
2. **Power Distribution:** Acting as a common rail for neutral (Blue) return lines.
3. **Test Equipment:** Providing a reliable interface for modular electronic testing rigs.
---
- ⤷
What is the maximum wire gauge supported by the TCS-16 series?
- ⤷ Does the 'BL' suffix always indicate a neutral connection in this manufacturer's standard?
- ⤷ Are there specific mounting accessories required for the 'R' configuration?