công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-14-R/BL

  • AI
    The **TCS-14-R/BL** refers to a specific series of high-quality **Heavy Duty Toggle Switches**, commonly manufactured by brands like *Salecom* or used in specific industrial control panels. The suffix "R/BL" typically denotes the actuator type and color (Red/Black) or specific wiring configurations. --- ### 1. Technical Specifications The electronic integrity of this component is defined by its ability to handle high current loads and maintain low resistance across contacts. | Feature | Specification | | :--- | :--- | | **Circuit Type** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON-ON or ON-OFF-ON (Depending on sub-model) | | **Rating (Resistive)** | 10A 250VAC / 15A 125VAC | | **Contact Resistance** | 20 mΩ max. (Initial) | | **Insulation Resistance** | 100MΩ min. at 500VDC | | **Dielectric Strength** | 1,500VAC for 1 minute | | **Mechanical Life** | 50,000 cycles | --- ### 2. Internal Electronic Components The reliability of the TCS-14 series comes from its internal material composition: * **Contacts:** Usually made of **Silver Alloy**. Silver is used for its superior electrical conductivity, which prevents overheating during high-current switching. * **Terminal Base:** Constructed from **Phenolic or Diallyl Phthalate (DAP)**. These are thermosetting plastics that offer high heat resistance and excellent insulation properties, preventing electrical arcing between terminals. * **Actuator (Lever):** Typically Chrome-plated brass or high-impact plastic (the "R/BL" designation often indicates a **Red** or **Black** plastic handle). * **Spring Mechanism:** A heavy-duty internal steel spring ensures a "snap-action" movement, which minimizes arcing by moving the contacts quickly. --- ### 3. Connection and Pinout As an SPDT (Single Pole Double Throw) switch, it features three terminals: 1. **Terminal 1:** Path A (Closed when toggle is in one position). 2. **Terminal 2 (Center):** Common (The input source). 3. **Terminal 3:** Path B (Closed when toggle is in the opposite position). ```mermaid graph LR Common(Terminal 2) --- Pos1[Terminal 1: Output A] Common(Terminal 2) --- Pos2[Terminal 3: Output B] ``` --- ### 4. Applications Due to its high amperage rating, the TCS-14-R/BL is frequently found in: * **Industrial Machinery:** Powering motors or heavy-duty relays. * **Marine Equipment:** Used in dashboard panels for lighting or bilge pumps. * **Test Equipment:** For switching between different signal paths in laboratory settings.
    ✨ Follow-up Questions
    • ⤷What is the difference between the TCS-14-R and the TCS-14-BL in terms of functionality?
    • ⤷ Can this switch be used for DC applications like 12V or 24V automotive systems?
    • ⤷ What mounting hole diameter is required for the TCS-14 series?