công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-13-R/BL

  • AI
    The **TCS-13-R/BL** is a specific model within a series of temperature control switches (often associated with industrial cooling or HVAC systems). Below is a breakdown of the electronic components, specifications, and functional architecture typical for this part. --- ## 1. Technical Specifications The TCS-13-R/BL is generally characterized by its switching capabilities and visual indicators (Red/Blue). | Feature | Specification | | :--- | :--- | | **Input Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Switch Type** | SPST (Single Pole Single Throw) or SPDT | | **Current Rating** | Usually rated up to 10A - 15A | | **Color Indication** | R (Red) / BL (Blue) LED status indicators | | **Mounting Type** | Panel Mount / Snap-in | --- ## 2. Key Electronic Components ### A. The Internal Relay The "heart" of the TCS-13 is an electromagnetic relay. * **Function:** It physically opens or closes the circuit to high-power components (like a fan or compressor) based on a low-power signal. * **Protection:** Often includes a flyback diode to prevent voltage spikes when the coil is de-energized. ### B. LED Indicators (R/BL) The suffix **R/BL** refers to the dual-color LED feedback system: * **Red (R):** Usually indicates "Power On" or "Heating Mode." * **Blue (BL):** Usually indicates "Active Cooling" or "Standby Mode." * **Current Limiting Resistors:** Internal SMD resistors ensure the LEDs do not burn out when connected to the rated DC voltage. ### C. Thermostat/Sensor Interface The unit functions as a thermal switch. * **Bimetallic Strip or Thermistor:** Depending on the exact sub-type, it uses a temperature-sensitive element that triggers the relay at a specific set point. * **Hysteresis Control:** Internal circuitry prevents "chattering" (rapid switching) when the temperature is exactly at the threshold. --- ## 3. Wiring Diagram (Typical) Electronic integration usually follows this standard pinout logic: | Pin Number | Designation | Description | | :--- | :--- | :--- | | 1 | **V+ (Input)** | Main power supply for the switch and LED. | | 2 | **Ground (GND)** | Common ground for the LED circuit. | | 3 | **Load (Out)** | Power sent to the device being controlled. | --- ## 4. Operational Logic 1. **Input Sensing:** The device monitors the ambient temperature or a direct thermal contact. 2. **Comparison:** The internal logic compares the temperature against the fixed or adjusted setpoint. 3. **Output Actuation:** Once the threshold is met, the **Relay** engages, and the **Blue LED** lights up to signal the cooling path is active. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the TCS-13-R/BL relay?
    • ⤷ How do you wire the dual-color LED for status monitoring?
    • ⤷ Is the TCS-13-R/BL compatible with AC mains power or DC only?