TCS-11-R
AI

The **TCS-11-R** typically refers to a high-precision, sub-miniature **Quartz Crystal Oscillator**. This specific part is widely used in telecommunications, GPS modules, and mobile devices where frequency stability and a small footprint are critical.
---
### 1. Technical Specifications
The "R" suffix often denotes specific packaging (like Tape & Reel) or a specialized frequency tolerance. Below are the common electronic characteristics:
| Parameter | Typical Value |
| :--- | :--- |
| **Frequency Range** | 10 MHz to 52 MHz (Commonly 26MHz) |
| **Supply Voltage (Vcc)** | 1.8V to 3.3V DC |
| **Frequency Stability** | ±0.5 ppm to ±2.0 ppm |
| **Operating Temperature** | -30°C to +85°C |
| **Package Size** | 2.0 x 1.6 mm or 2.5 x 2.0 mm (SMD) |
| **Output Type** | Clipped Sine Wave or CMOS |
---
### 2. Core Electronic Components
Internally, the TCS-11-R is not just a piece of quartz; it is an integrated module consisting of:
* **Quartz Crystal Blank:** The mechanical resonator that vibrates at a specific frequency when voltage is applied (Piezoelectric effect).
* **Oscillator IC:** An application-specific integrated circuit (ASIC) that sustains the oscillation and manages the output signal.
* **Varactor Diode (in TCXO variants):** Used to pull the frequency slightly to compensate for temperature changes.
* **Thermistor:** A temperature-sensitive resistor used to sense ambient heat and provide feedback to the compensation circuit.
---
### 3. Pin Configuration (Typical 4-Pad SMD)
Standard layouts for these oscillators follow a specific pinout to ensure signal integrity:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vcont / NC | Voltage Control (for VC-TCXO) or No Connection |
| **2** | GND | Ground connection |
| **3** | Output | Frequency signal output |
| **4** | Vcc | Power supply input |
---
### 4. Circuit Implementation
When integrating the TCS-11-R into a PCB design, it is standard practice to include a decoupling capacitor to filter power supply noise.
```c
// Typical Schematic Connection
[Vcc] ----+---- [Pin 4: Vcc]
|
[0.1uF Capacitor]
|
[GND] ----+---- [Pin 2: GND]
[Pin 3: Output] --------> [MCU / RF Chip Clock Input]
```
---
### 5. Key Applications
* **Smartphone RF Front-ends:** Provides the reference clock for LTE/5G transceivers.
* **GNSS/GPS Modules:** High stability is required to lock onto satellite signals quickly (TTFF - Time To First Fix).
* **Bluetooth/Wi-Fi:** Ensures the carrier frequency remains within the allocated band to prevent interference.
- ⤷
What is the difference between the TCS-11-R and a standard passive crystal?
- ⤷ How does temperature compensation work in this specific component?
- ⤷ What are the recommended soldering profiles for this SMD package?