TCS-10-R/BL
AI

The **TCS-10-R/BL** refers to a specific series of high-quality **Heavy Duty Toggle Switches**, typically manufactured by brands like **Taiway** or similar electronic component distributors. These are often used in industrial controls, automotive applications, and telecommunications.
Below is a breakdown of the electronic specifications and characteristics for this component series.
---
## 1. Technical Specifications
The "R/BL" suffix generally denotes the actuator type and color (e.g., Red/Blue or specific plating), while the "10" usually identifies the circuit configuration.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Toggle Switch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Switch Function** | ON-ON or ON-OFF-ON (Depending on sub-model) |
| **Current Rating** | 5A @ 125VAC / 2A @ 250VAC |
| **Contact Resistance** | 10 mΩ Max |
| **Insulation Resistance** | 1,000 MΩ Min |
| **Dielectric Strength** | 1,500 V RMS @ Sea Level |
| **Operating Temperature** | -30°C to +85°C |
---
## 2. Key Electronic Components
### A. Contact Materials
The internal contacts are the most critical electronic part of the TCS series. They are typically made of:
* **Silver Plated Copper:** Standard for power applications to ensure low resistance and high conductivity.
* **Gold over Silver:** Often used if the switch needs to handle "dry circuits" (very low logic-level currents) to prevent oxidation.
### B. Actuator and Bushing
* **The Toggle (Lever):** Usually chrome-plated brass or high-temp thermoplastic.
* **The Bushing:** Threaded for panel mounting (standard 1/4-40 UNS or M6 threads).
### C. Terminal Construction
The terminals at the base are usually designed for:
* **Solder Lug:** For direct wire attachment.
* **PC Thru-Hole:** For mounting directly onto a Printed Circuit Board (PCB).
* **Epoxy Seal:** High-quality versions feature an epoxy seal at the base of the terminals to prevent flux or contaminants from entering the switch during soldering.
---
## 3. Circuit Diagram (SPDT)
The TCS-10 series generally utilizes a 3-pin configuration:
```text
Pin 1: Normally Closed (NC) / Terminal A
Pin 2: Common (COM)
Pin 3: Normally Open (NO) / Terminal B
```
---
## 4. Common Applications
Due to their rugged construction, these switches are found in:
1. **Audio Equipment:** Signal routing and power toggles.
2. **Industrial Machinery:** Manual override switches.
3. **Marine/Automotive:** Dashboard controls for lighting or auxiliary power.
4. **Test Instruments:** Power cycling and mode selection.
- ⤷
What is the difference between the 'R' and 'BL' designations in this model number?
- ⤷ Can this switch be used for DC applications like 12V automotive systems?
- ⤷ What are the mechanical life cycle ratings for the TCS series?