TCS-0G-R/E
AI

Based on the model number provided, the **TCS-0G-R/E** refers to a high-precision **Current Sensor** (often categorized under Current Transducers) manufactured by **Tamura**. This specific series is widely used in industrial power electronics for monitoring AC, DC, and pulse currents with high isolation.
---
### 1. Technical Specifications
The "TCS" series is designed for magnetic modulation, allowing for extremely high accuracy and stability.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Rated Current ($I_f$)** | ±0.5A to ±2.0A (depending on specific sub-rating) |
| **Output Type** | Voltage Output (Buffered) |
| **Supply Voltage ($V_{cc}$)** | ±15V DC (Dual Power Supply) |
| **Technology** | Magnetic Modulation (Fluxgate Principle) |
| **Accuracy** | High Precision (Linearity < 0.1%) |
| **Isolation Voltage** | 2.5kV AC for 1 minute |
---
### 2. Key Electronic Components & Internal Logic
The internal circuitry of the TCS-0G-R/E is more complex than a standard Hall Effect sensor. It generally consists of:
1. **Saturable Core (Fluxgate):** Unlike Hall sensors, it uses a magnetic core that is driven into saturation by an internal oscillator. This allows for zero-drift detection.
2. **Oscillator Circuit:** Generates the excitation frequency to modulate the magnetic state of the core.
3. **Demodulator/Phase Detector:** Converts the modulated magnetic signal back into a baseband voltage signal proportional to the primary current.
4. **Operational Amplifiers (Op-Amps):** Used for signal conditioning, zero-point adjustment, and providing a low-impedance voltage output.
5. **Feedback Loop:** Often employs a closed-loop system to cancel the primary magnetic field, ensuring high linearity.
---
### 3. Pinout Configuration
Typically, these units feature a 5-pin or 6-pin interface for PCB mounting:
* **Pin 1 (+Vcc):** Positive Power Supply (+15V).
* **Pin 2 (-Vcc):** Negative Power Supply (-15V).
* **Pin 3 (Vout):** Output signal voltage.
* **Pin 4 (GND):** Common ground.
* **Primary Terminals:** Large pins/terminals where the measured current flows through.
---
### 4. Common Applications
Due to its high precision and low temperature drift, the TCS-0G-R/E is used in:
* **Leakage Current Detection:** Identifying small imbalances in power systems.
* **Medical Equipment:** High-precision power supplies for MRI or X-ray machines.
* **Renewable Energy:** Monitoring DC injection in solar inverters.
* **Precision Industrial Controls:** Servo drives and high-end UPS systems.
---
- ⤷What is the difference between Fluxgate technology and Hall Effect sensors in current sensing?
- ⤷ How do I calculate the output scaling for the TCS-0G-R/E?
- ⤷ Can this sensor be used with a single-supply 5V microcontroller?