TCS-0F-R/Q
AI

The **TCS-0F-R/Q** is a high-performance, differential output temperature-compensated crystal oscillator (TCXO) series typically used in telecommunications and networking hardware. Below is a breakdown of its technical specifications and electronic components.
### 1. Overview of Technical Specifications
The TCS series is designed for applications requiring high stability and low jitter.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Output Type** | LV-PECL or LVDS (Differential) |
| **Package Size** | 7.0 x 5.0 mm (6-pin SMD) |
| **Supply Voltage** | 2.5V or 3.3V DC |
| **Frequency Range** | 10 MHz to 1.5 GHz (depending on specific sub-model) |
| **Frequency Stability** | ±1.0 ppm to ±2.5 ppm |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Core Electronic Components
The device is an integrated module containing several key electronic stages:
* **Quartz Crystal Resonator:** The heart of the component, providing the base mechanical vibration frequency.
* **Temperature Compensation Circuit:** An analog or digital circuit that senses ambient temperature and adjusts the load capacitance of the crystal to counteract frequency drift.
* **Voltage Regulator:** An internal Low-Dropout (LDO) regulator that ensures the internal oscillator remains stable even if there is noise or fluctuation on the Vcc line.
* **Differential Output Buffer:** Specifically for the **R/Q** variants, this circuit converts the internal clock signal into **LV-PECL** (R) or **LVDS** (Q) standards to reduce Electromagnetic Interference (EMI) and improve signal integrity over long PCB traces.
---
### 3. Pin Configuration
The TCS-0F series generally follows a standard 6-pin footprint for SMD oscillators:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or OE | No connection or Output Enable/Disable |
| **2** | NC | No internal connection |
| **3** | GND | Ground connection |
| **4** | Output | Positive Clock Output |
| **5** | Complementary Output | Negative (inverted) Clock Output |
| **6** | Vcc | Supply Voltage (Power) |
---
### 4. Implementation Example (Basic Logic)
When integrating this part into a circuit, a decoupling capacitor is required between Vcc and GND to ensure stability.
```cpp
// Schematic Design Note:
// Place a 0.01uF to 0.1uF ceramic capacitor
// as close to Pin 6 (Vcc) as possible.
// Use 50-ohm termination for differential signals.
```
---
- ⤷
What is the main difference between the 'R' and 'Q' suffixes in this series?
- ⤷ How does the temperature compensation mechanism work in a TCXO compared to a standard XO?
- ⤷ What are the common applications for 7x5mm differential oscillators?