TCS-05-R/Q
AI

The **TCS-05-R/Q** typically refers to a high-precision **Conductivity and Temperature Sensor** often used in industrial water treatment, laboratory analysis, and environmental monitoring.
Below is an overview of its electronic components, technical specifications, and wiring structure.
---
### 1. Key Electronic Components
The device integrates several sensitive electronic subsystems to ensure accurate measurement:
| Component | Function |
| :--- | :--- |
| **Platinum (Pt) Electrode** | The sensing element that contacts the liquid to measure electrical conductivity. |
| **NTC Thermistor/Pt1000** | An internal temperature sensor used for Automatic Temperature Compensation (ATC). |
| **Signal Conditioner** | Converts the raw analog micro-currents from the electrodes into a stable voltage or current. |
| **Oscillator Circuit** | Generates an AC excitation signal to prevent electrode polarization (which occurs with DC). |
| **Isolation Barrier** | Protects the output signal from electromagnetic interference (EMI) and ground loops. |
---
### 2. Technical Specifications
The "R/Q" suffix usually denotes specific output types or mounting configurations (e.g., RS485 or Analog).
* **Measurement Range:** Typically 0–2000 µS/cm or 0–20 mS/cm (depending on cell constant).
* **Cell Constant (K):** Usually **K=1.0** or **K=0.1** for pure water.
* **Output Signal:**
* **R:** Often signifies **RS485 (Modbus RTU)** digital output.
* **Q:** Often signifies **4-20mA** or **0-5V** analog output.
* **Power Supply:** Generally 12V - 24V DC.
* **Pressure Rating:** Up to 0.6 MPa (standard).
---
### 3. Wiring and Connectivity
The sensor typically uses a multi-core shielded cable to prevent signal degradation.
#### Digital Version (RS485)
```json
{
"Red": "VCC (12-24V)",
"Black": "GND",
"Yellow/White": "RS485-A",
"Blue/Green": "RS485-B"
}
```
#### Analog Version (4-20mA)
```markdown
1. Pin 1: Power +
2. Pin 2: Power -
3. Pin 3: Conductivity Signal Out (+)
4. Pin 4: Temperature Signal Out (+)
```
---
### 4. Operating Principle
1. **Excitation:** The electronic circuit applies a high-frequency AC voltage to the electrodes.
2. **Ion Detection:** The ions in the solution carry the charge between the electrodes; the more ions, the higher the current.
3. **Compensation:** Because conductivity changes with temperature, the internal CPU uses the temperature sensor data to normalize the reading to **25°C**.
4. **Conversion:** The final value is digitized (RS485) or converted to a linear current (4-20mA) for the PLC or Controller.
---
- ⤷
What is the difference between the K=0.1 and K=1.0 cell constants for this sensor?
- ⤷ How do I calibrate the TCS-05-R using Modbus commands?
- ⤷ What are the maintenance requirements for the platinum electrodes?