công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-00-R/Q

  • AI
    The **TCS-00-R/Q** series refers to specific high-performance thermal control and sensing components, often associated with industrial automation and precise temperature management systems (specifically within the context of semiconductor manufacturing or advanced HVAC logic). Below is a breakdown of the electronic architecture and part specifications. --- ## 1. Core Electronic Specifications The "R/Q" suffix usually denotes specific output configurations (Relay vs. Quick-logic/Transistor). | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | 24V DC / 110-220V AC (Model dependent) | | **Sensing Element** | PT100 RTD or Type-K Thermocouple compatible | | **Output Type (R)** | Electromagnetic Relay (Dry contact) | | **Output Type (Q)** | SSR Drive / Transistor Output (High speed) | | **Communication** | Modbus RTU / RS-485 (Optional on some variants) | | **Sampling Rate** | 100ms - 250ms | --- ## 2. Key Internal Electronic Components ### A. Microcontroller Unit (MCU) The heart of the TCS unit is an embedded 8-bit or 32-bit RISC processor. It handles the **PID (Proportional-Integral-Derivative)** algorithm, ensuring that the temperature reaches the setpoint without significant overshoot. ### B. Signal Conditioning Circuit Because sensors like thermocouples produce millivolt-level signals, the internal PCB includes: * **Precision Operational Amplifiers:** To boost weak analog signals. * **Analog-to-Digital Converter (ADC):** Typically a 16-bit or 24-bit resolution chip to ensure high-accuracy temperature readings. ### C. Isolation Barrier To protect the logic circuit from industrial surges, these parts utilize **Opto-couplers**. This provides galvanic isolation between the low-voltage control side and the high-voltage load side. --- ## 3. Wiring and Pin Configuration Typical electronic terminal layouts for the TCS series: 1. **Power Terminals:** Pins for V+ and V- (Line/Neutral). 2. **Sensor Input:** Positive, Negative, and (for RTD) Compensation wires. 3. **Control Output:** * **R-Model:** Common (COM), Normally Open (NO), Normally Closed (NC). * **Q-Model:** Pulse signal for Solid State Relay (SSR). --- ## 4. Operational Logic The electronics are programmed with **Fuzzy Logic** or **Auto-tuning PID**. When the "Q" (Quick) variant is used, the electronic parts allow for rapid switching (PWM), which is essential for maintaining tight temperature tolerances in sensitive electronic manufacturing processes.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences in wiring between the R and Q models?
    • ⤷ How does the PID auto-tuning function work in the TCS series?
    • ⤷ Can the TCS-00 interface with a PLC via Modbus?