công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-00-R/BL

  • AI
    The **TCS-00-R/BL** refers to a specific series of **Touch Contact Sensors** (often associated with brands like Delta or specialized industrial HMI components). These devices are designed to replace mechanical push buttons with capacitive or touch-sensitive electronic interfaces. --- ### 1. Key Electronic Components & Specifications The internal electronics of the TCS-00 series are centered around high-reliability switching and visual feedback. | Component | Technical Detail | Purpose | | :--- | :--- | :--- | | **Touch Controller IC** | Capacitive Sensing IC | Detects changes in capacitance when a finger nears the surface. | | **Illumination Source** | Dual-color LEDs (Red/Blue) | Provides visual status (e.g., Blue for standby, Red for active). | | **Output Stage** | Solid State / Transistor | Provides the signal to the PLC or Control unit (NPN/PNP). | | **Protection Circuit** | Polarity & Overcurrent protection | Prevents damage from wiring errors. | --- ### 2. Functional Electronic Features * **Operating Voltage:** Typically operates on **12V - 24V DC**, making it compatible with standard industrial power supplies. * **Current Consumption:** Very low (usually < 30mA), allowing multiple units to be powered by a single controller bus. * **Output Type:** Generally features an electronic "dry contact" or an Open Collector output, ensuring no mechanical wear over millions of cycles. * **Response Time:** Electronic switching happens in milliseconds (approx. 20ms - 50ms), significantly faster than mechanical springs. --- ### 3. Wiring Configuration Most units in this series utilize a 4-wire or 5-wire electronic interface: ```yaml Pin/Wire Color | Function | Description ---------------|------------------|--------------------------- Brown | +VCC | 12-24V DC Power Supply Blue | GND | 0V / Common Black | Output (NO/NC) | Signal sent to the PLC White/Other | LED Control | Toggles the Red/Blue light state ``` --- ### 4. Advantages of Electronic Touch Parts 1. **Zero Mechanical Wear:** Since there are no moving springs or contacts, the lifespan is nearly infinite compared to traditional buttons. 2. **Environmental Sealing:** The electronic components are usually encapsulated, providing high IP ratings (IP65/67) against water and dust. 3. **Low Profile:** The electronic surface allows for a flat, ergonomic design that reduces accidental triggers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the output signal of the TCS-00-R/BL?
    • ⤷ Does this sensor support NPN or PNP logic configurations?
    • ⤷ How do you toggle the LED colors via the control wiring?