công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCFL0805CF-R47

  • AI
    The **TCFL0805CF-R47** is a specific electronic component, likely a **Thin Film Chip Inductor** (though prefix naming conventions can sometimes vary by manufacturer, this specific string points to a high-frequency inductor). Below is a breakdown of its technical characteristics based on standard industry coding for this part number. ### 1. Part Number Breakdown The part number follows a standard alphanumeric coding system: | Segment | Meaning | Description | | :--- | :--- | :--- | | **TCFL** | Series Type | Thin Film Chip Inductor (often used in RF applications). | | **0805** | Case Size | Surface Mount Device (SMD) size 0805 (2.0mm x 1.25mm). | | **CF** | Material/Tolerance | Specific material composition or tolerance (e.g., ±5% or ±0.2nH). | | **R47** | Inductance Value | **0.47 µH** (R denotes the decimal point). | --- ### 2. Key Technical Specifications Thin film inductors like the R47 are designed for high-frequency stability and precision. Typical parameters for this component include: * **Inductance:** 470 nH (0.47 µH). * **Case Size:** 0805 Imperial (2012 Metric). * **Operating Frequency:** Optimized for high-frequency / RF circuits (GHz range). * **Tolerance:** Usually ±5% or ±10% depending on the specific "CF" suffix revision. * **Mounting Type:** Surface Mount (SMD/SMT). --- ### 3. Construction and Material Unlike standard wire-wound inductors, the **TCFL** series utilizes **Thin Film Technology**: 1. **Substrate:** Usually a ceramic or alumina base. 2. **Conductive Layer:** A thin layer of metal (often Copper or Silver) photolithographically etched to create the coil structure. 3. **Encapsulation:** A glass or epoxy coating for environmental protection and mechanical strength. --- ### 4. Common Applications Due to its small size and precise inductance, the TCFL0805CF-R47 is typically found in: * **Mobile Communications:** Smartphones, tablets, and wearable tech. * **RF Modules:** Impedance matching for Bluetooth, Wi-Fi, and LTE antennas. * **High-Speed Signal Lines:** Noise suppression and filtering in high-frequency circuits. * **VCOs:** Voltage Controlled Oscillators requiring tight tolerance. --- ### 5. Comparison: Thin Film vs. Wire-Wound | Feature | Thin Film (TCFL) | Wire-Wound | | :--- | :--- | :--- | | **Precision** | Very High | Moderate | | **Size** | Very Compact | Bulkier | | **Current Handling** | Low | High | | **Q Factor** | High at microwave freq | High at lower freq |
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC current rating for the TCFL0805CF-R47?
    • ⤷ How does the Q factor of this inductor change at higher frequencies?
    • ⤷ Can you provide the exact dimensions of an 0805 package in millimeters?