TCDA1090-R15M
AI

The **TCDA1090-R15M** is a high-performance, shielded power inductor typically used in automotive and industrial power management circuits. It is designed to handle high currents while maintaining a compact surface-mount footprint.
---
### 1. Key Technical Specifications
The part number follows a standard nomenclature used by manufacturers (such as Cyntec or similar power component specialists). Below are the estimated specifications:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.15 µH |
| **Tolerance** | ±20% (Standard) |
| **DCR (Direct Current Resistance)** | Ultra-low (Typically < 1.0 mΩ) |
| **Isat (Saturation Current)** | Very High (Typically > 40A - 60A) |
| **Irms (Rated Current)** | High thermal stability current |
| **Dimensions** | 10.0mm x 9.0mm (approximate footprint) |
| **Qualification** | Often AEC-Q200 (Automotive Grade) |
---
### 2. Core Features
* **Metal Alloy Construction:** Unlike traditional ferrite inductors, these use a molded metal powder core. This allows for "soft saturation" characteristics, meaning the inductance doesn't drop off abruptly when current increases.
* **Shielded Design:** The molded construction naturally provides magnetic shielding, reducing Electromagnetic Interference (EMI) with surrounding components.
* **High Thermal Stability:** Designed to operate in high-temperature environments, often rated up to 125°C or 150°C.
* **Low DCR:** The use of thick flat-wire or high-conductivity copper minimizes power loss (heat) during operation.
---
### 3. Typical Applications
The **R15M (0.15µH)** is a very low inductance value, which implies it is intended for high-frequency switching regulators.
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power phases where extremely high current and fast transient responses are required.
* **Automotive Electronics:** Power supplies for ADAS, infotainment, and ECU power rails.
* **DC/DC Converters:** Point-of-Load (POL) converters where space is limited but power demand is high.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the structure generally follows this logic:
* **TCDA:** Series identifier (often denoting automotive grade/molded type).
* **1090:** Physical size (approx. 10mm x 9mm).
* **R15:** Inductance value ($R15 = 0.15$ microhenries).
* **M:** Tolerance code ($M = \pm20\%$).
- ⤷
What are the specific thermal limits for the TCDA series?
- ⤷ How does 'soft saturation' in metal powder cores compare to ferrite cores?
- ⤷ Can this inductor be used in high-frequency GaN switching circuits?