TCDA0707-R80M
AI

The **TCDA0707-R80M** is a high-performance, surface-mount (SMD) power inductor typically used in automotive and industrial electronics. This specific part number follows the naming conventions of manufacturers like **Pulse Electronics** (specifically their automotive-grade power inductor series).
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Description | Specific Value |
| :--- | :--- | :--- |
| **TCDA** | Series Identifier | Automotive grade, shielded power inductor |
| **0707** | Dimensions | Approx. 7.5mm x 7.5mm footprint |
| **R80** | Inductance Value | 0.80 µH (Microhenries) |
| **M** | Tolerance | ±20% |
---
### 2. Key Technical Specifications
While exact values can vary slightly by brand, the **0707-R80M** profile generally matches these parameters:
* **Inductance:** 0.80 µH.
* **DCR (DC Resistance):** Very low, typically ranging from 1.5mΩ to 3.0mΩ to minimize power loss.
* **Isat (Saturation Current):** The current at which inductance drops by a specific percentage (usually 30%). For this size, it is typically around **20A - 30A**.
* **Irms (Heating Current):** The continuous current that causes a 40°C temperature rise. Usually rated between **15A - 25A**.
* **Operating Temperature:** Typically -40°C to +125°C or +150°C (AEC-Q200 qualified).
---
### 3. Core Features and Construction
The TCDA series is designed for rugged environments:
1. **Molded Construction:** The coil is embedded in a metal alloy powder body. This provides "soft saturation" characteristics (inductance drops gradually rather than abruptly).
2. **Magnetic Shielding:** The molded body acts as a natural shield, reducing Electromagnetic Interference (EMI) to surrounding components.
3. **AEC-Q200 Compliance:** These parts are tested for high vibration, thermal shock, and moisture resistance, making them suitable for under-the-hood automotive applications.
---
### 4. Common Applications
Due to its high current handling and low profile, the TCDA0707-R80M is used in:
* **DC/DC Converters:** Voltage regulation in automotive infotainment or ADAS systems.
* **Power Supplies:** High-efficiency Point-of-Load (POL) converters.
* **Motor Drives:** Small BLDC motor control circuits.
* **Battery Management Systems (BMS):** Filtering and energy storage.
---
- ⤷
What are the equivalent alternative parts for the TCDA0707-R80M from brands like Vishay or Coilcraft?
- ⤷ How does the 'soft saturation' of a molded inductor benefit a power supply circuit?
- ⤷ What is the specific footprint measurement in millimeters for this 0707 package?