công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • T3-3-R

  • AI
    The **T3-3-R** is an RF (Radio Frequency) transformer, specifically a wideband surface-mount component manufactured by **Mini-Circuits**. It is widely used in communications for impedance matching, balanced-to-unbalanced (balun) transitions, and signal distribution. --- ### 1. Key Technical Specifications The electrical characteristics define how the component behaves within a circuit. | Parameter | Specification | | :--- | :--- | | **Type** | RF Transformer / Balun | | **Frequency Range** | 0.02 MHz to 250 MHz | | **Impedance Ratio** | 3:1 (Secondary to Primary) | | **Insertion Loss** | Typ. 0.5 dB (mid-band) | | **Power Rating** | 0.25 Watts (Max) | | **DC Current** | 30 mA (Max) | | **Configuration** | Case Style: KK81 (Surface Mount) | --- ### 2. Pin Configuration and Internal Design The T3-3-R utilizes a **balanced-to-unbalanced** configuration. Understanding the pinout is critical for PCB layout: * **Primary (Input):** Usually connected to Pins 1 and 3 (with Pin 2 often acting as a ground or no-connect depending on specific circuit topology). * **Secondary (Output):** Connected to Pins 4 and 6, often providing the transformed impedance. * **Core Material:** Uses a high-permeability ferrite core to ensure low loss and wide bandwidth. --- ### 3. Core Functional Applications Electronic engineers integrate the T3-3-R into designs for the following purposes: 1. **Impedance Matching:** Converting a source impedance (e.g., 50 Ohms) to a load impedance (e.g., 150 Ohms) to ensure maximum power transfer and minimal signal reflection. 2. **Balun Functionality:** Converting unbalanced signals (like those from a coaxial cable) to balanced signals (like those required for a dipole antenna or differential amplifier). 3. **Isolation:** Providing DC isolation between different stages of an RF front-end while allowing AC/RF signals to pass through. --- ### 4. Environmental and Physical Attributes * **Operating Temperature:** -20°C to +85°C. * **Termination Finish:** Tin-Silver-Copper (RoHS compliant). * **Mounting:** Designed for automated pick-and-place assembly on PCBs. ---
    ✨ Follow-up Questions
    • How does the 3:1 impedance ratio affect the voltage transformation in the T3-3-R?
    • What are the common alternatives to the T3-3-R for higher frequency ranges?
    • Can the T3-3-R be used for DC power injection in Bias-T applications?