công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • T225X-R100-KB

  • AI
    The part number **T225X-R100-KB** typically refers to a high-power, wirewound resistor often used in industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications Overview The part belongs to a family of tubular or flat power resistors designed for high energy dissipation. | Parameter | Specification (Typical) | | :--- | :--- | | **Resistor Type** | Wirewound (Vitreous Enamel or Silicone Coated) | | **Resistance Value** | 0.100 $\Omega$ (R100) | | **Power Rating** | 225 Watts | | **Tolerance** | $\pm 10\%$ (K) | | **Mounting Style** | Tubular / Lug Terminal | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints of the component: * **T225X**: This indicates the series and power rating. "225" signifies a **225-Watt** power dissipation capacity. The "T" often refers to the Tubular shape. * **R100**: This is the resistance code. "R" acts as the decimal point. **R100 = 0.100 Ohms**. * **K**: This denotes the resistance tolerance. **K = $\pm 10\%$**. * **B**: This usually refers to the mounting hardware or packaging type (e.g., "Bracket included" or "Bulk"). --- ### 3. Key Electronic Characteristics #### A. Wirewound Construction The resistive element is made by winding a resistive wire (usually a nickel-chromium alloy) around a ceramic core. This allows the part to handle high temperatures and significant power loads without structural failure. #### B. High Thermal Mass Because it is rated for 225W, this part is designed to operate at high temperatures. It requires adequate ventilation or heatsinking to prevent damage to surrounding components. #### C. Low Resistance (0.1 Ohm) At such a low resistance value, this component is frequently used for: * **Current Sensing:** Measuring large currents by monitoring the voltage drop across the resistor. * **Dynamic Braking:** Dissipating energy from motors during deceleration. * **Inrush Current Limiting:** Protecting circuits from sudden surges of electricity. --- ### 4. Common Applications * **Industrial Load Banks:** Used to test power supplies or batteries. * **Motor Control:** Used as a ballast or braking resistor in heavy machinery. * **Power Distribution:** Providing a controlled path to ground in high-power systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions and mounting requirements for a 225W resistor?
    • ⤷ How do I calculate the voltage drop across this resistor at a specific current?
    • ⤷ What are the temperature derating curves for this specific series?