T225L-R10-KB
AI

Based on the part number provided, the **T225L-R10-KB** typically refers to a high-precision, high-power **wirewound resistor**, often used in industrial or sensing applications. Below is a breakdown of its electronic characteristics and specifications.
---
## 1. Part Number Breakdown
The alphanumeric code follows a standard naming convention for electronic components (specifically resistors):
| Component Segment | Description | Meaning |
|:---|:---|:---|
| **T225** | Series / Frame Size | Indicates a 225-Watt power rating or specific frame size. |
| **L** | Mounting / Terminal | Often denotes "Lug" terminals for bolt-on connections. |
| **R10** | Resistance Value | The "R" acts as a decimal point. **0.10 Ohms (Ω)**. |
| **K** | Tolerance | Indicates a **±10%** resistance tolerance. |
| **B** | Packaging/Finish | Usually refers to Bulk packaging or a specific coating (e.g., Enamel). |
---
## 2. Technical Specifications
These parts are designed for heavy-duty electrical loads and heat dissipation.
### Electrical Characteristics
* **Resistance:** 0.1 Ω (Low resistance, often used for current sensing or shunting).
* **Power Rating:** 225 Watts (Assuming standard series naming).
* **Tolerance:** ±10% (Common for high-power wirewound components).
* **Type:** Wirewound (Resistive wire wrapped around a ceramic core).
### Physical Construction
* **Core:** Steatite or Alumina ceramic for high thermal stability.
* **Coating:** Vitreous enamel or silicone for environmental protection and insulation.
* **Terminals:** Solder lugs or bolt-on terminals to handle high current without melting.
---
## 3. Typical Applications
Because of the low resistance (0.1Ω) and high wattage (225W), this part is commonly found in:
1. **Dynamic Braking:** Dissipating energy from motors in industrial machinery.
2. **Current Sensing:** Measuring high-current flow by monitoring the voltage drop across the 0.1Ω resistance.
3. **Load Banks:** Used to simulate electrical loads for testing power supplies or batteries.
4. **Inrush Current Limiting:** Protecting circuits from sudden power spikes during startup.
---
## 4. Safety and Installation
* **Heat Dissipation:** At 225W, this component will get extremely hot. It requires adequate airflow or mounting to a heat-conducting chassis.
* **Inductance:** Being wirewound, this resistor has inherent inductance and may not be suitable for high-frequency switching applications.
- ⤷
What is the maximum current this resistor can handle at 225W?
- ⤷ Are there non-inductive versions of this specific resistor series?
- ⤷ How does the vitreous enamel coating compare to silicone for high-heat applications?