T225G-R10-KB
AI

The **T225G-R10-KB** refers to a specific series of industrial-grade thermal printer mechanisms, commonly manufactured by **Brightek** or used in kiosk systems. These components are designed for high-reliability printing in self-service terminals.
---
### 1. Key Technical Specifications
The "R10" and "KB" suffixes typically denote specific hardware revisions regarding the interface and paper-cutting mechanism.
| Feature | Specification |
| :--- | :--- |
| **Print Method** | Direct Thermal Line Printing |
| **Resolution** | 8 dots/mm (203 DPI) |
| **Paper Width** | 58mm / 60mm |
| **Print Speed** | Up to 150mm/s (depending on power supply) |
| **Interface Options** | RS232 (Serial) / USB / TTL |
| **Voltage Supply** | 12V - 24V DC |
| **Cutter Type** | Automatic Guillotine (Full or Partial cut) |
---
### 2. Main Electronic Modules
The device consists of three primary electronic sub-assemblies:
#### A. Thermal Print Head (TPH)
* **Function:** Converts electrical energy into heat to create images on thermochromic paper.
* **Electronics:** Contains a driver IC that manages the heating elements. It uses a strobe signal to control the heating time, ensuring print density is consistent.
#### B. Control Board (Logic PCB)
* **Microcontroller:** Processes incoming data (ESC/POS commands) and converts them into motor steps and TPH strobe signals.
* **Memory:** Includes Flash memory for storing resident fonts, logos, and buffers.
* **Sensors:**
* *Paper End Sensor:* Photo-interrupter to detect when paper is out.
* *Platen Open Sensor:* Detects if the print head is engaged.
* *Temperature Sensor (Thermistor):* Prevents the print head from overheating.
#### C. Motor Drive System
* **Stepper Motor:** Precisely controls the paper feed.
* **Cutter Motor:** A separate DC motor or solenoid that drives the blade to cut the paper after the print job is completed.
---
### 3. Connector Pinout (General Layout)
Most T225G models utilize a standard 2.0mm or 2.54mm pitch header for connectivity.
```text
Pin 1: VH (Power for TPH - 24V)
Pin 2: VH (Power for TPH - 24V)
Pin 3: GND
Pin 4: GND
Pin 5: VDD (Logic Power - 5V)
Pin 6: TXD / D+ (Data)
Pin 7: RXD / D- (Data)
Pin 8: RTS / NC
```
---
### 4. Common Applications
* **Kiosks:** Banking ATMs and queuing machines.
* **Retail:** Coupon and receipt dispensers.
* **Medical:** Diagnostic equipment report printing.
* **Gaming:** Lottery and betting terminals.
---
- ⤷
What are the specific power requirements for the T225G-R10-KB to achieve maximum print speed?
- ⤷ Does this model support the standard ESC/POS command set for software integration?
- ⤷ What is the life expectancy of the thermal head in terms of kilometers printed?