công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SY4.00MM3C50M

  • AI
    Based on the part number **SY4.00MM3C50M**, this is a specialized industrial power or control cable. While part numbering conventions can vary by manufacturer (such as SY Cables, a division of various electrical suppliers), the code follows a standardized technical nomenclature. --- ## Technical Specifications Breakdown The following table breaks down what each segment of the part number represents in terms of electronic and physical properties: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SY** | Cable Type | **Shielded Flexible Multicore Cable.** The "SY" designation typically refers to a PVC-insulated cable with a **Galvanized Steel Wire Braid (GSWB)** for mechanical protection. | | **4.00MM** | Cross-Sectional Area | Indicates a conductor thickness of **4.0mm²**. This is a heavy-duty gauge capable of carrying significant current. | | **3C** | Core Count | **3 Cores.** Usually consists of Live (Brown), Neutral (Blue), and Earth (Green/Yellow). | | **50M** | Length | **50 Meters.** This indicates the total length of the cable on the reel/spool. | --- ## Component Details ### 1. Conductor (The "4.00MM3C" part) * **Material:** Usually Class 5 flexible plain copper wires. * **Current Capacity:** A 4.0mm² cable can typically handle between **25A to 32A** depending on the installation method and ambient temperature. * **Insulation:** The internal cores are insulated with PVC (Polyvinyl Chloride), color-coded for identification. ### 2. Shielding and Armor (The "SY" part) Unlike standard YY (unshielded) or CY (copper braid) cables, the **SY** variant features: * **Internal Sheath:** A layer of PVC over the cores. * **GSWB (Galvanized Steel Wire Braid):** This provides excellent mechanical protection against physical damage (crushing, cutting) and offers a degree of electromagnetic interference (EMI) screening. * **Outer Sheath:** A transparent (usually) or grey PVC jacket that allows for visual inspection of the steel braid for signs of corrosion or damage. ### 3. Application Use Cases This specific part is designed for: * **Industrial Automation:** Connecting heavy machinery where mechanical stress is expected. * **Control Lines:** Conveying power to motors or assembly lines. * **Harsh Environments:** The steel braid makes it suitable for environments where cables might be stepped on or subjected to light impact. --- ## Summary Table | Property | Value | | :--- | :--- | | **Voltage Rating** | Generally 300/500V | | **Temperature Range** | Static: -40°C to +80°C | Flexing: -5°C to +70°C | | **Bending Radius** | Fixed: 6x Diameter | Flexing: 20x Diameter | | **Standard Compliance** | Generally based on VDE 0250 standards |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for a 4.0mm² 3-core SY cable in a conduit?
    • ⤷ How does an SY cable differ from a CY cable in terms of EMI protection?
    • ⤷ Is the SY4.00MM3C50M cable suitable for direct burial in the ground?