công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SX2050-R

  • AI
    The **SX2050-R** is a specialized electronic component, typically categorized as a high-precision **Thin Film Chip Resistor** or a specific **Surface Mount Device (SMD)** power resistor, depending on the manufacturer (commonly associated with brands like Susumu or similar precision component makers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The "SX" series generally denotes high-frequency or high-power performance in a small form factor. | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Thin Film Chip Resistor / Power Resistor | | **Resistance Range** | Typically 0.1Ω to 10MΩ (varies by sub-model) | | **Tolerance** | ±0.1% to ±1.0% (High Precision) | | **Power Rating** | Often 0.5W to 2W (High for its size) | | **Temperature Coefficient (TCR)** | ±25 ppm/°C to ±100 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Package Size** | 2050 (Imperial) or metric equivalent | --- ## 2. Key Electronic Features ### A. Thin Film Technology Unlike standard thick film resistors, the SX2050-R uses **Thin Film** deposition. This results in: * **Lower Noise:** Crucial for audio and precision measurement circuits. * **Better Stability:** Minimal resistance drift over the component's lifespan. * **Tight Tolerances:** Allows for high-accuracy voltage division. ### B. High-Frequency Performance The "R" suffix often denotes specific reel packaging or a refined resistance value. Because of the thin film construction, the component exhibits low internal inductance and capacitance, making it suitable for: * RF (Radio Frequency) applications. * High-speed digital signal termination. ### C. Thermal Management The 2050 form factor is designed to dissipate heat more effectively than standard 0603 or 0805 chips. It often features a larger contact area to transfer heat into the PCB copper planes. --- ## 3. Typical Applications The SX2050-R is found in industrial and high-reliability electronics: 1. **Automotive Electronics:** Control units requiring high stability under temperature fluctuations. 2. **Test and Measurement:** Multimeters and oscilloscopes where precision is mandatory. 3. **Power Supplies:** Used as a sense resistor for monitoring current flow. 4. **Medical Equipment:** Imaging and monitoring devices where signal integrity is vital. --- ## 4. Identification (Part Number Breakdown) While numbering schemes vary by brand, the code usually breaks down as follows: * **SX:** Series prefix (High power/Thin film). * **2050:** Physical dimensions (Length x Width). * **R:** Usually indicates "RoHS Compliant" or "Tape & Reel" packaging. ---
    ✨ Follow-up Questions
    • ⤷What are the specific soldering requirements for the SX2050-R package?
    • ⤷ How does the SX2050-R compare to thick film resistors in terms of pulse endurance?
    • ⤷ Can the SX2050-R be used in high-voltage surge protection circuits?