công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SWI0805F-R15K

  • AI
    ## SWI0805F-R15K: Technical Overview The **SWI0805F-R15K** is a surface-mount (SMD) wire-wound chip inductor. These components are primarily used in high-frequency circuits for filtering, impedance matching, and resonance. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **SWI** | Series | Standard Wire-wound Inductor series. | | **0805** | Case Size | Dimensions: 0.08 x 0.05 inches (2.0 x 1.25 mm). | | **F** | Core Material | Often denotes Ferrite core (common for higher inductance values). | | **R15** | Inductance Value | **0.15 µH** (or 150 nH). The "R" acts as a decimal point. | | **K** | Tolerance | **±10%** deviation from the nominal value. | --- ### 2. Electrical Specifications While exact specs can vary slightly by manufacturer (e.g., Cal-Chip, ABC Taiwan), the typical parameters for an R15K 0805 inductor are: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | | **Tolerance** | ±10% | | **Quality Factor (Q min)** | 25 - 30 (at specific test frequency) | | **SRF (Self-Resonant Frequency)** | ~500 MHz to 900 MHz | | **DCR (DC Resistance)** | ~0.50 Ω (Max) | | **Rated Current (Idc)** | 450 mA - 600 mA | --- ### 3. Key Construction Features * **Wire-Wound Design:** Uses a copper wire coiled around a ceramic or ferrite core. This provides much higher **Q factors** and current handling capabilities compared to multilayer chip inductors. * **Encapsulation:** Usually coated with a clear or opaque resin to protect the fine wire and provide a flat top surface for automated "pick and place" assembly. * **Termination:** Features solder-plated end caps (usually Matte Tin over Nickel) for reliable PCB mounting. --- ### 4. Common Applications * **RF Circuits:** Used in oscillators and power amplifiers for impedance matching. * **Mobile Communication:** Filtering in GSM, CDMA, and Wi-Fi modules. * **EMI Suppression:** Blocking high-frequency noise in signal lines. * **Broadband Design:** Due to its high self-resonant frequency, it is effective in high-speed data circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core in the 0805 series?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in a filter circuit?
    • ⤷ Can I substitute a multilayer inductor for this wire-wound part?