công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SWI0603F-R10J

  • AI
    ### SWI0603F-R10J: Part Overview and Technical Specifications The **SWI0603F-R10J** is a surface-mount (SMD) wire-wound chip inductor. These components are commonly used in high-frequency circuits, such as RF (Radio Frequency) communication devices, due to their high precision and stability. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SWI** | Series Type | Surface Wire-wound Inductor | | **0603** | Package Size | 0.6 x 0.3 inches (1.6 x 0.8 mm) | | **F** | Material/Core | Ferrite Core (High Inductance/Current) | | **R10** | Inductance Value | R10 = 0.10 $\mu$H (100 nH) | | **J** | Tolerance | $\pm$ 5% | --- ### 2. Technical Specifications Below are the typical electrical parameters for this specific part number: | Parameter | Value | | :--- | :--- | | **Inductance** | 100 nH (0.10 $\mu$H) | | **Tolerance** | $\pm$ 5% | | **Test Frequency** | 25 MHz (typical) | | **Quality Factor (Q)** | 25 - 40 (Min/Typ) | | **DC Resistance (DCR)** | Max 0.50 - 0.70 $\Omega$ | | **Rated Current (Idc)** | ~400 mA to 600 mA | | **Self-Resonant Frequency (SRF)** | > 700 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Key Electronic Characteristics * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design offers a much higher **Q factor** (efficiency) and lower DC resistance. This makes it ideal for signal processing where low loss is critical. * **Ferrite Core:** The "F" designation indicates a ferrite core, which provides higher inductance values in a small 0603 footprint compared to ceramic cores. * **Impedance Stability:** It maintains stable inductance across a wide range of operating temperatures and frequencies. --- ### 4. Common Applications Due to its 100nH value and 0603 size, this part is frequently found in: 1. **RF Filtering:** Used in low-pass or high-pass filters for wireless communication. 2. **Impedance Matching:** Tuning antennas in mobile phones, Wi-Fi modules, and Bluetooth devices. 3. **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive ICs. 4. **Oscillators:** Serving as a frequency-determining element in VCOs (Voltage Controlled Oscillators).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a ferrite core and a ceramic core inductor in the 0603 size?
    • ⤷ Can you provide the land pattern (footprint) dimensions for soldering this 0603 component?
    • ⤷ How does the Q factor affect the performance of this inductor in an RF circuit?