SWF2012CF-R47K
AI

The **SWF2012CF-R47K** is a surface-mount (SMD) wire-wound ferrite chip inductor. These components are primarily used for high-frequency filtering and energy storage in compact electronic circuits.
---
### 1. Component Breakdown
The part number follows a standard naming convention that describes its physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SWF** | Series | Wire-wound Ferrite Chip Inductor series. |
| **2012** | Package Size | Imperial 0805 (Metric 2012): approx. 2.0mm x 1.25mm. |
| **CF** | Material/Type | Ceramic-Ferrite core construction for high frequency. |
| **R47** | Inductance | **0.47 µH** (Microhenries). The 'R' acts as a decimal point. |
| **K** | Tolerance | **±10%** allowable deviation from the nominal value. |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (such as ABC Taiwan or Taiyo Yuden), the typical parameters for this specific part are:
* **Inductance:** 0.47 µH
* **DC Resistance (DCR):** Usually low (approx. 0.15Ω to 0.45Ω) to minimize power loss.
* **Rated Current:** Typically between 300mA and 600mA depending on the thermal limits.
* **Self-Resonant Frequency (SRF):** High frequency (typically >250 MHz), making it suitable for signal lines.
* **Operating Temperature:** Generally -40°C to +125°C.
---
### 3. Key Features & Applications
The wire-wound construction provides distinct advantages over multilayer inductors, such as higher Q factors and higher current carrying capacities.
#### Common Uses:
* **EMI Suppression:** Used in high-frequency signal lines to filter out electromagnetic interference.
* **RF Circuits:** Ideal for impedance matching and decoupling in Bluetooth, Wi-Fi, and GPS modules.
* **Power Management:** Used in small DC-DC converters for mobile devices.
* **Communication Equipment:** Found in smartphones, tablets, and wearable tech due to its small 0805 footprint.
---
### 4. Schematic Representation
In a circuit diagram, it is represented by the standard inductor symbol:
```text
L1
----(UUU)----
0.47 µH
```
- ⤷
What are the main differences between wire-wound and multilayer inductors?
- ⤷ Can this inductor be used in high-power switching power supplies?
- ⤷ How does the 'Q factor' affect the performance of the SWF2012CF-R47K?