SW6310G
AI

The **SW6310G** is a high-performance, single-chip wireless power transmitter IC typically used in wireless charging applications. It is designed to be compatible with Qi standards and is often found in fast-charging pads and automotive wireless chargers.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the SW6310G:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4V to 14V |
| **Maximum Power Output** | Up to 15W (Standard Qi EPP) |
| **Integrated Components** | Full-bridge MOSFETs, Driver, LDO, and MCU |
| **Modulation Type** | ASK (Amplitude Shift Keying) for Communication |
| **Demodulation** | Integrated FSK (Frequency Shift Keying) support |
| **Efficiency** | Up to 85% (depending on coil and RX) |
---
### 2. Internal Architectural Parts
The SW6310G is highly integrated to reduce the external Bill of Materials (BOM). Its internal structure consists of:
* **Integrated Power Stage:** Contains a full-bridge inverter (four N-MOSFETs). This eliminates the need for external power transistors and gate drivers.
* **Voltage and Current Sensing:** Built-in high-precision ADC for monitoring input voltage and coil current, which is essential for Foreign Object Detection (FOD).
* **Microcontroller (MCU):** An 8-bit or 32-bit core (depending on the specific revision) that handles the Qi protocol handshake and power control loops.
* **Communication Module:** Decodes signals sent by the receiver (phone/device) through backscatter modulation.
---
### 3. Application Circuit Components
To build a functional wireless charger using the SW6310G, the following external parts are required:
1. **Resonant Capacitors:** Usually a set of high-quality C0G/NP0 ceramic capacitors (e.g., 0.47µF) connected in series with the coil.
2. **Wireless Charging Coil:** Typically a standard Qi-compliant A11 or MP-A2 coil.
3. **Input Filter:** Decoupling capacitors (10µF - 100µF) to stabilize the DC input.
4. **LED Indicators:** Connected to GPIO pins to show charging status (Standby, Charging, Error/FOD).
---
### 4. Safety and Protection Features
The chip includes several hardware-level protections to ensure safe power delivery:
* **OCP (Over Current Protection):** Shuts down if current exceeds limits.
* **OVP (Over Voltage Protection):** Protects the chip from voltage spikes.
* **OTP (Over Temperature Protection):** Thermal shutdown if the IC gets too hot.
* **FOD (Foreign Object Detection):** Uses power loss accounting to detect metal objects (keys, coins) between the coil and the device.
- ⤷
What are the typical pinout configurations for the SW6310G?
- ⤷ How does the FOD mechanism in the SW6310G compare to older Qi standards?
- ⤷ Which specific induction coils are recommended for use with this IC?