công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SW2N65K

  • AI
    The **SW2N65K** is an N-channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is primarily designed for high-voltage, high-speed switching applications, such as power supplies and adapters. --- ### ## 1. Key Technical Specifications The part number typically encodes its primary ratings: **2 Amperes** and **650 Volts**. | Feature | Specification | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650V | Maximum voltage the device can withstand when OFF. | | **Continuous Drain Current ($I_D$)** | 2.0A | Maximum continuous current at $T_C = 25°C$. | | **Drain-Source On-Resistance ($R_{DS(on)}$)** | ~4.0 - 5.0 $\Omega$ | Resistance between Drain and Source when fully ON. | | **Gate-Source Voltage ($V_{GSS}$)** | $\pm$30V | Maximum voltage range allowed at the Gate. | | **Package Type** | TO-252 (DPAK) / TO-220F | Common surface-mount or through-hole packages. | --- ### ## 2. Physical Structure and Pinout The SW2N65K follows the standard power MOSFET pin configuration. Looking at the front (labeled side) with pins pointing down: 1. **Gate (G):** The control terminal. A voltage here triggers the flow of current. 2. **Drain (D):** The terminal where current enters (connected to the load). 3. **Source (S):** The terminal where current exits (connected to ground/common). --- ### ## 3. Core Features * **Low Gate Charge:** Requires minimal energy to switch between ON and OFF states, reducing switching losses. * **High Speed:** Capable of switching at high frequencies, making it ideal for modern power converters. * **Avalanche Ruggedness:** Designed to handle brief voltage spikes (avalanche energy) without immediate failure. * **RoHS Compliant:** Lead-free and environmentally friendly manufacturing. --- ### ## 4. Common Applications Due to its high voltage rating and moderate current capacity, it is frequently found in: * **SMPS (Switched-Mode Power Supplies):** Acting as the main switching element. * **LED Drivers:** Controlling power for high-voltage LED strings. * **DC-DC Converters:** Stepping up or down voltages in industrial equipment. * **Adapters:** Used in laptop chargers and small electronic power bricks. --- ### ## 5. Design Considerations * **Thermal Management:** Despite the 2A rating, the device generates heat based on $I^2 \times R_{DS(on)}$. Proper heatsinking or PCB copper pouring is necessary. * **Gate Driving:** Use a gate resistor (typically 10-100 $\Omega$) to prevent oscillations during high-speed switching.
    ✨ Follow-up Questions
    • What are the equivalent alternative parts for the SW2N65K?
    • How do I calculate the power dissipation for this MOSFET in a circuit?
    • What is the difference between the SW2N65K and the SW4N65K?