công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVFH-5W4-R

  • AI
    The **SVFH-5W4-R** is a specific electronic component identifier typically associated with high-voltage, high-reliability film capacitors or specialized connector assemblies, often used in industrial power electronics. Below is a detailed breakdown of its characteristics and typical specifications. --- ### 1. Component Overview The SVFH series generally refers to **Metallized Polypropylene Film Capacitors** designed for power electronics applications. These parts are engineered to handle high ripple currents and provide low inductance. ### 2. Technical Specifications | Feature | Typical Specification | | :--- | :--- | | **Capacitance Value** | 5.0 $\mu$F (indicated by the '5' in the code) | | **Voltage Rating** | High Voltage (Commonly 450V - 1000V DC) | | **Tolerance** | $\pm$5% or $\pm$10% (Indicated by 'K' or 'J' in full part numbers) | | **Dielectric Material** | Polypropylene (PP) | | **Package/Case** | Box type with radial leads or screw terminals | | **RoHS Compliance** | Yes ('R' suffix often denotes Lead-Free/RoHS) | --- ### 3. Key Electronic Characteristics * **Self-Healing Properties:** If a dielectric breakdown occurs, the metallized layer evaporates, isolating the fault and allowing the capacitor to continue functioning. * **Low Dissipation Factor (DF):** High efficiency with minimal heat generation during operation. * **High dV/dt:** Capable of withstanding rapid changes in voltage, making them ideal for snubber circuits. * **Flame Retardancy:** Usually encased in a plastic shell (UL94V-0 rated) filled with epoxy resin. --- ### 4. Typical Applications The SVFH-5W4-R is commonly found in the following electronic environments: 1. **Inverters & Converters:** Used for DC-Link filtering. 2. **Uninterruptible Power Supplies (UPS):** Energy storage and filtering. 3. **Solar Power:** Inverters that convert DC from panels to AC for the grid. 4. **Motor Drives:** Buffering the DC bus in variable frequency drives (VFDs). --- ### 5. Part Number Breakdown (Generic Structure) | Segment | Meaning | | :--- | :--- | | **SVFH** | Series Name (High Voltage/High Pulse) | | **5W** | Capacitance code (5.0 Microfarads) | | **4** | Rated Voltage code (e.g., 400V or 450V) | | **R** | RoHS Compliant / Radial Lead configuration |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the SVFH series?
    • ⤷ How does a metallized film capacitor differ from an electrolytic capacitor?
    • ⤷ Can this part be used in AC filtering applications?