công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVF-DC-R/Q

  • AI
    The **SVF-DC-R/Q** series typically refers to electronic components used in power distribution and safety systems, specifically **DC Disconnect Switches** or **Surge Protective Devices (SPDs)** often found in solar (PV) installations. Below is a breakdown of the electronic and mechanical parts associated with these types of components. --- ## 1. Core Component Overview These parts are designed to handle Direct Current (DC) loads, which are significantly harder to interrupt than Alternating Current (AC) because DC does not have a "zero-crossing" point to naturally extinguish an arc. | Component Part | Description | Function | | :--- | :--- | :--- | | **Contact System** | Silver-plated copper contacts | Ensures low resistance and high conductivity during operation. | | **Arc Chute** | Metal grid/plates | Splits and cools the electric arc formed during disconnection. | | **Toggle/Rotary Handle** | Ergonomic actuator | Provides the physical interface for manual switching. | | **MOV (If SPD)** | Metal Oxide Varistor | Clamps voltage spikes to protect downstream electronics. | | **Terminal Blocks** | Screw or Spring clamp | Secure connection points for high-gauge DC wiring. | --- ## 2. Technical Specifications The "R/Q" suffix usually denotes specific mounting or certification variations (e.g., Rail-mount vs. Panel-mount, or specific Quality standards). ### Electrical Characteristics * **Rated Voltage ($U_e$):** Typically ranges from **600V DC to 1500V DC**. * **Rated Current ($I_e$):** Usually available between **16A and 63A**. * **Insulation Voltage ($U_i$):** Often rated at **1000V+** to prevent dielectric breakdown. * **Impulse Withstand ($U_{imp}$):** Usually **8kV**, protecting against lightning surges. --- ## 3. Internal Safety Mechanisms 1. **High-Speed Switching:** The internal spring mechanism ensures that the contacts open or close rapidly, independent of how fast the user turns the handle. This minimizes "arcing" time. 2. **Polarity Sensitivity:** Most DC components in this series are non-polarized, meaning they can handle current flow in either direction, which is critical for solar string inverters. 3. **Thermal Protection:** Integrated thermal disconnects prevent the unit from catching fire if a surge protector reaches its end-of-life. --- ## 4. Wiring Diagram (Logic) ```mermaid graph LR A[PV Panels] --> B[SVF-DC-R Switch] B --> C[DC/AC Inverter] B -.-> D[Ground/Earth] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q versions in terms of mounting?
    • ⤷ Can this component be used for AC circuits
    • ⤷ or is it strictly DC?
    • ⤷ What is the maximum short-circuit breaking capacity for this series?