AI

The **SVF-43-R** is a high-performance **High-Speed Vari-Focal (Liquid) Lens** developed by Optotune. It is a specialized opto-electronic component designed for machine vision and industrial imaging where rapid focus changes are required without moving physical camera components.
---
## 1. Technical Specifications
The following table highlights the core electronic and optical parameters of the SVF-43-R:
| Feature | Specification |
| :--- | :--- |
| **Clear Aperture** | 10 mm |
| **Refractive Index** | 1.300 |
| **Response Time** | < 2.5 ms (settling time < 10 ms) |
| **Operating Voltage** | 0 to 5 V (typically) |
| **Current Range** | -250 to +250 mA (for focal power shift) |
| **Power Consumption** | 0 to 500 mW (depending on current) |
| **Temperature Sensor** | Integrated (NTC Thermistor) |
---
## 2. Key Electronic Components
### A. The Electromagnetic Actuator
Unlike traditional lenses that use motors to move glass elements, the SVF-43-R uses an **electromagnetic actuator**.
- **Operation:** When a current is applied to the internal coil, it exerts pressure on a thin, elastic membrane containing an optical liquid.
- **Deflection:** The pressure changes the curvature of the liquid, effectively changing the focal length.
- **Control:** The focus is proportional to the current applied, allowing for precise, linear control.
### B. Feedback Control (EEPROM & Sensor)
The lens is not just a passive element; it contains internal electronics for calibration:
- **Integrated EEPROM:** Stores lens-specific calibration data (focal power vs. current curves).
- **Temperature Sensor:** Since the refractive index of liquid changes with temperature, the internal NTC thermistor allows the controller to compensate for thermal drift in real-time.
---
## 3. Connectivity and Control
To operate the SVF-43-R, a dedicated driver is required to convert digital signals into precise current.
### Driver Interface
Most implementations use the **Optotune Lens Driver 4i** or similar industrial controllers.
- **Communication:** USB, I2C, or UART.
- **Analog Input:** Can often be controlled via a 0-5V analog signal for integration into legacy PLCs.
### Wiring Configuration
Typically, the lens uses a 6-pin FPC (Flexible Printed Circuit) or a circular industrial connector:
1. **Pins 1-2:** Lens Actuator (Current input).
2. **Pins 3-4:** Temperature Sensor (NTC).
3. **Pins 5-6:** Internal EEPROM (I2C interface).
---
## 4. Typical Applications
The electronic agility of the SVF-43-R makes it ideal for:
* **High-speed Barcode Reading:** Rapidly switching focus between packages of different heights on a conveyor.
* **3D Laser Processing:** Adjusting the Z-axis focus during laser marking or cutting.
* **Microscopy:** Automated focus stacking (capturing multiple images at different depths).
---
- ⤷
What are the specific power supply requirements for the Optotune SVF-43-R?
- ⤷ How does the temperature compensation algorithm work for liquid lenses?
- ⤷ Which industrial controllers are compatible with the SVF-43-R?