SVF-0B-R/
AI

The **SVF-0B-R** is an electronic component manufactured by **JST (Japan Solderless Terminals)**. It is a female crimp terminal belonging to the **SVF series**, specifically designed for automotive and high-reliability wire-to-wire or wire-to-board applications.
---
### 1. Key Technical Specifications
Below are the primary physical and electrical characteristics of the SVF-0B-R terminal:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | JST (Japan Solderless Terminals) |
| **Type** | Crimp Terminal (Female/Receptacle) |
| **Applicable Wire Size** | 0.3 mm² to 0.5 mm² (Approx. 22-20 AWG) |
| **Material** | Copper Alloy (High Conductivity) |
| **Surface Finish** | Pre-tinned (Reflow tin-plated) |
| **Current Rating** | Depends on housing (Typically up to 7A - 10A) |
| **Insulation Diameter** | 1.4 mm to 1.9 mm |
---
### 2. Physical Construction and Design
The terminal is engineered for durability in environments where vibration and thermal cycling are common.
* **Box Contact Design:** The "B" in the part number often refers to the box-style construction of the receptacle, which protects the contact points and ensures a stable connection with the male pin.
* **Lance Locking:** These terminals feature a locking lance mechanism that clicks into the connector housing to prevent "terminal back-out" (where the wire pulls out of the plastic shell).
* **Material Strength:** Made from a copper alloy, it provides a balance between high electrical conductivity and the mechanical spring force required to maintain contact pressure over time.
---
### 3. Part Number Breakdown
Understanding the suffix and prefix helps in identifying the exact variant:
* **SVF:** Series designation (often used in JST's automotive/specialty connectors).
* **0B:** Indicates the size/type of the terminal and its compatibility with specific wire gauges.
* **R:** Usually denotes the packaging type, where **R** stands for **Reel** (intended for use with automated crimping machines or applicators).
---
### 4. Typical Applications
The SVF-0B-R is most commonly found in:
1. **Automotive Electronics:** Internal wiring for sensors, lighting, and control modules.
2. **Industrial Equipment:** High-vibration machinery interfaces.
3. **Consumer Appliances:** Internal power distribution where reliable crimp connections are required.
---
- ⤷
What are the compatible housing part numbers for the SVF-0B-R terminal?
- ⤷ Which crimping tool is recommended for manual installation of this terminal?
- ⤷ What is the maximum voltage rating for the SVF series connectors?