công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-ZZ-R/Q

  • AI
    Based on the technical designation, the **SVB-ZZ-R/Q** series typically refers to high-performance **Electromagnetic Safety Solenoid Interlock Switches**, commonly used in industrial automation for machine guarding. Below is an explanation of the electronic components and technical specifications associated with this type of device. --- ### 1. Core Electronic Components These devices integrate mechanical locking with electronic sensing to ensure safety protocols are met. | Component | Function | | :--- | :--- | | **Solenoid Coil** | An electromagnetic coil that moves a plunger to lock or unlock the guard door. | | **Auxiliary Contacts** | Used for monitoring the status of the lock (Locked/Unlocked) via a PLC. | | **Safety Contacts** | Force-guided NC (Normally Closed) contacts that break the safety circuit when the guard is open. | | **LED Indicators** | Visual feedback (usually Green/Red) indicating power status and lock state. | | **Varistor/Diode** | Internal surge protection to prevent back-EMF from damaging the control circuit. | --- ### 2. Technical Specifications The "R/Q" suffix usually denotes specific wiring configurations, such as **M12 Quick Disconnect (Q)** or **Right-hand orientation (R)**. | Feature | Typical Rating | | :--- | :--- | | **Supply Voltage** | 24V AC/DC (Standard for industrial sensors) | | **Power Consumption** | Approximately 5W - 7W during solenoid activation | | **Holding Force** | 1000N to 2000N (depending on specific model size) | | **Contact Rating** | 2A at 230V AC / 24V DC | | **Ingress Protection** | IP67 (Dust tight and waterproof) | --- ### 3. Wiring Logic (Electronic Integration) The device is generally wired into a **Safety Relay** or a **Safety PLC**. * **Solenoid Control (E1/E2):** Powering these terminals activates the internal magnet to release or engage the lock. * **Safety Loop:** Two independent channels (Redundancy) to ensure that if one contact fails, the machine still stops. * **Monitoring Loop:** A signal wire sent to the PLC to tell the HMI (Human Machine Interface) that the door is currently "Locked." --- ### 4. Safety Logic Types The "ZZ" designation often refers to the locking principle: 1. **Power-to-Unlock (Mechanical Lock):** The door stays locked if power fails. Best for high-inertia machinery (e.g., circular saws). 2. **Power-to-Lock (Magnetic Lock):** The door unlocks if power fails. Best for emergency exit routes. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Power-to-Lock and Power-to-Unlock in safety switches?
    • ⤷ How do I wire the M12 Q-type connector to a safety relay?
    • ⤷ What is the maximum holding force for the SVB series?