SVB-ZZ-R
AI

The **SVB-ZZ-R** typically refers to a specific series of **Rotary Cam Switches** or **Main Disconnect Switches**, often associated with industrial control brands like **Eaton (Moeller)** or similar manufacturers. These are electromechanical components used to safely isolate electrical circuits.
---
### 1. Key Component Breakdown
The part number identifies several specific electronic and mechanical characteristics:
| Feature | Description |
| :--- | :--- |
| **Main Switch Body** | The core housing containing the silver-alloy contacts and the spring-loaded switching mechanism. |
| **Rotary Handle** | A red/yellow emergency stop handle (indicated by "R") designed for high visibility. |
| **Locking Ring** | A built-in feature that allows the switch to be padlocked in the "OFF" position for maintenance safety (LOTO). |
| **Terminal Blocks** | Screw-type terminals usually rated for Finger-Proof safety (IP20) to prevent accidental contact. |
---
### 2. Electrical Specifications
While specific ratings depend on the frame size (e.g., T0, T3, P1), the "SVB-ZZ-R" configuration generally adheres to these standards:
* **Voltage Rating:** Typically rated for up to **690V AC**.
* **Current Capacity:** Varies by model (standard ranges include 20A, 25A, 32A, up to 100A+).
* **Switching Angle:** Usually a **90-degree** throw between the "0" (Off) and "1" (On) positions.
* **Ingress Protection:** The front face is often rated **IP65**, making it dust-tight and protected against water jets.
---
### 3. Functional Electronic Parts
| Part | Function |
| :--- | :--- |
| **Contacts** | Usually double-break contacts made of silver-nickel or silver-tin-oxide for high conductivity and arc resistance. |
| **Auxiliary Contacts** | (Optional) Smaller internal switches used to send signals to a PLC or controller regarding the switch status. |
| **Shaft Extension** | A metal or rigid plastic rod that connects the external handle to the internal switch body inside a cabinet. |
---
### 4. Typical Applications
* **Emergency Stop:** The red/yellow color scheme designates it for emergency power disconnection.
* **Motor Disconnect:** Used to manually isolate a motor from its power source for repair.
* **Industrial Control Panels:** Acts as the primary power entry and safety shut-off point.
- ⤷
What is the maximum current rating for the P1-series SVB switches?
- ⤷ How do I wire auxiliary contacts into an SVB-ZZ-R switch?
- ⤷ Is the SVB-ZZ-R compatible with NEMA 4X enclosures?