SVB-ZE-R/CE
AI

The **SVB-ZE-R/CE** is a specialized electrical component produced by **Eaton (Moeller)**. It serves as a **rotary handle assembly** for main switch applications, specifically designed to be coupled with P1 and P3 series rotary switch disconnectors.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (formerly Moeller) |
| **Part Type** | Rotary Handle / Door Interlock |
| **Compatibility** | P1 & P3 Switch-Disconnectors |
| **Color Scheme** | Red handle / Yellow locking ring (Emergency Stop) |
| **Protection Rating** | IP65 (Dust-tight and water jet resistant) |
| **Locking Mechanism** | Padlockable in the OFF (0) position |
| **Application** | Emergency switching off / Main switch |
---
### 2. Core Electronic and Safety Features
The SVB-ZE-R/CE is not a standalone active electronic device, but rather a **control interface** for power electronics. Its electronic significance lies in its safety certifications and circuit interruption role:
#### A. Emergency Stop Functionality
The red-yellow color coding indicates that this part is compliant with safety standards for **Emergency Stop** devices. When paired with a P1 or P3 switch, it provides a physical break in the circuit to immediately halt machinery.
#### B. Door Interlock System
This part is designed for **rear mounting** or cabinet door installation.
* **Interlock:** It ensures the cabinet door cannot be opened while the switch is in the "ON" position.
* **Safety Overrun:** It allows for the safe isolation of the internal circuitry before a technician gains access.
#### C. Environmental Durability
The unit is rated **IP65/NEMA 12**, meaning it protects the internal electrical contacts of the switch from:
* Industrial oils and coolants.
* Dust and metallic particles.
* High-pressure water splashes.
---
### 3. Component Assembly Breakdown
The part consists of the following sub-components required for the electrical interface:
1. **Rotary Handle:** The ergonomic red grip for manual operation.
2. **Locking Ring:** A yellow collar that can accommodate up to three padlocks for **LOTO (Lockout/Tagout)** procedures.
3. **Shaft/Coupling:** Connects the external handle to the internal switch body located on the DIN rail or backplate.
4. **Front Plate:** Labeled with "0" (OFF) and "I" (ON) markings for clear visual status.
---
### 4. Regulatory Standards
The "CE" suffix confirms the component meets the following European directives:
* **Low Voltage Directive (LVD)**
* **Machinery Directive** (regarding Emergency Stop requirements)
* **RoHS** (Restriction of Hazardous Substances)
- ⤷
Which specific P1 or P3 switch amperage ratings are compatible with this handle?
- ⤷ Can this handle be modified for non-emergency applications (Black/Grey colors)?
- ⤷ What is the procedure for bypassing the door interlock for maintenance?