SVB-K8W-R/CE
AI

The **SVB-K8W-R/CE** is a specialized electronic control component, typically identified as an **Illuminated Emergency Stop (E-Stop) Switch** or a specific **Control Station Unit** used in industrial automation and safety systems.
Below is a detailed breakdown of its electronic and mechanical parts.
### 1. Component Specifications
| Feature | Description |
| :--- | :--- |
| **Type** | Emergency Stop Push Button / Control Unit |
| **Mounting** | 22mm standard panel cutout |
| **Illumination** | Integrated LED (Red/White options) |
| **Contact Blocks** | Often configured with 1NC (Normally Closed) or 2NC safety contacts |
| **Termination** | Screw terminals or plug-in connectors (model dependent) |
| **Ingress Protection** | IP65 or IP66 (Dust-tight and water-resistant) |
| **Certification** | CE marked (Complies with European safety standards) |
---
### 2. Key Electronic & Physical Parts
#### A. The Actuator (Mushroom Head)
The "R" in the suffix usually denotes a **Red** mushroom head. This is the physical interface designed for "Trigger Action" or "Twist-to-Release" operation. It ensures that once pressed, the circuit remains open until manually reset.
#### B. Contact Block Assembly
This is the core electronic part located behind the panel.
* **Safety Contacts (NC):** These are designed to break the circuit immediately when the button is pressed.
* **Positive Opening Operation:** The contacts are mechanically forced open, ensuring the circuit breaks even if the contacts try to weld together under high current.
#### C. LED Illumination Circuit
The "W" in the code often refers to a **White** or **Windowed** illumination feature.
* **Voltage Range:** Typically operates on 24V AC/DC, though some versions support 110V-230V.
* **Internal Resistor:** Built-in to protect the LED from voltage spikes.
#### D. The Enclosure (K8 Housing)
If the part includes the "K8" designation, it often refers to a compact surface-mount plastic box.
* **Material:** High-impact polycarbonate or ABS.
* **Entries:** Pre-threaded holes for M20 or PG13.5 cable glands to maintain the IP rating.
---
### 3. Connection Schematic (Typical)
```text
[ Power Source ] ---- [ (11) NC Contact (12) ] ---- [ Machine Contactor/PLC Input ]
|
[ 24V DC (+) ] ---- [ (X1) LED Terminal ]
[ 0V DC (-) ] ---- [ (X2) LED Terminal ]
```
---
### 4. Safety Standards
The **/CE** suffix indicates the part is tested under:
* **EN ISO 13850:** Safety of machinery – Emergency stop function.
* **IEC 60947-5-1:** Low-voltage switchgear and controlgear.
- ⤷
What is the specific voltage rating for the LED in the SVB-K8W-R/CE?
- ⤷ Does this model support 'Pull-to-Reset' or only 'Twist-to-Release' functionality?
- ⤷ Can additional contact blocks be stacked onto this specific unit?