SVB-JZ-R/E
AI

The **SVB-JZ-R/E** is a specific electronic component typically identified as a **solenoid valve coil** or a specialized **control relay/sensor module** used in industrial automation, often associated with pneumatic or hydraulic systems (frequently linked to brands like *SMC* or specialized Chinese industrial manufacturers).
Below is a breakdown of the electronic parts and technical characteristics of this series.
### 1. Technical Specifications
The "JZ" series usually denotes a specific physical form factor, while the "R/E" suffix often refers to the electrical termination and voltage suppression features.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Voltage Options** | 24V DC / 110V AC / 220V AC | The primary operating voltage for the coil. |
| **Power Consumption** | 2.0W - 5.0W | Varies based on whether it is AC or DC. |
| **Connection Type** | Lead Wire or DIN Connector | The "E" often denotes an encapsulated lead wire. |
| **Insulation Class** | Class B or F | Resistance to heat generated during continuous operation. |
| **Protection Rating** | IP65 | Dust-tight and protected against water jets. |
---
### 2. Core Electronic Components
The device consists of several critical internal parts that allow it to function within an automated circuit:
* **Electromagnetic Solenoid (The Coil):**
The heart of the unit. It consists of high-purity copper windings. When energized, it creates a magnetic field to move a plunger.
* **Varistor / Surge Suppressor:**
The **"R"** in the part number often indicates a built-in **Resistor-Capacitor (RC) circuit** or a **Varistor**. This protects the PLC (Programmable Logic Controller) or mechanical switches from the "flyback voltage" (inductive spikes) generated when the coil is de-energized.
* **LED Indicator:**
Many units in this series include a small surface-mount LED and a current-limiting resistor to provide visual confirmation of power status.
* **Bridge Rectifier (AC Models only):**
For AC versions, a small internal bridge rectifier may be present to convert AC to DC for smoother plunger operation and reduced "humming."
---
### 3. Application & Usage
The SVB-JZ-R/E is primarily used as an actuator interface.
1. **Input:** Receives a signal from a PLC or a manual switch.
2. **Conversion:** Converts electrical energy into mechanical linear motion.
3. **Output:** Shifts the internal spool of a valve to direct airflow or fluid.
### 4. Circuit Diagram Representation
In a standard schematic, the component is represented as an inductive load with a parallel suppression element:
```mermaid
graph LR
A[Positive/Live] --- B[Coil L1]
B --- C[LED + Resistor]
B --- D[Surge Suppressor]
D --- E[Negative/Neutral]
C --- E
```
---
- ⤷
What are the specific wiring pinouts for the JZ-R/E DIN connector?
- ⤷ Can the 24V DC version be used with a PWM signal for proportional control?
- ⤷ How does the 'R' suppression circuit differ from a standard flyback diode?