SVB-JZ-R/CE
AI

The **SVB-JZ-R/CE** is a specific type of control cable used primarily in industrial automation and mechanical engineering. It is designed for flexible applications under medium mechanical stress.
Below is a breakdown of the electronic and physical specifications of this component.
---
### 1. Technical Specifications
The "JZ" and "CE" designations provide specific information about the wiring configuration and regulatory compliance.
| Feature | Specification |
| :--- | :--- |
| **Core Identification** | Black cores with continuous white numbering |
| **Protective Conductor** | Includes a Green/Yellow earth wire (the "G" or "J" designation) |
| **Rated Voltage** | 300/500 V |
| **Test Voltage** | 4000 V |
| **Temperature Range** | Flexible: -5°C to +70°C | Fixed: -40°C to +80°C |
| **Insulation Resistance** | Min. 20 MΩ x km |
---
### 2. Breakdown of the Model Name
Understanding the alphanumeric code helps identify the exact electronic application of the cable:
* **SVB**: Often refers to the manufacturer's series for flexible PVC control cables.
* **JZ**: Indicates the core color code.
* **J**: Includes a Green/Yellow earth wire.
* **Z**: Black cores with white numbers (instead of color-coded insulation).
* **R**: Typically denotes "Reduced" diameter or "Round" construction, allowing for tighter installations in cable tracks or conduits.
* **CE**: Confirms the product meets European Union health, safety, and environmental protection standards.
---
### 3. Electronic Construction
The internal components are engineered for conductivity and durability:
1. **Conductor**: Fine-stranded bare copper wires (Class 5) according to IEC 60228 standards. This allows for high flexibility.
2. **Insulation**: Specialized PVC (Polyvinyl Chloride) compound TI2.
3. **Outer Sheath**: Grey PVC (TM2), which is resistant to most common oils and chemicals found in factory environments.
4. **Flame Retardancy**: Usually tested to IEC 60332-1-2 standards, meaning the insulation is self-extinguishing.
---
### 4. Common Applications
Due to its flexibility and numbered cores, the SVB-JZ-R/CE is used in:
* **Control Panels**: Connecting PLC outputs to field devices.
* **Assembly Lines**: Wiring for conveyors and robotic arms (where movement is occasional).
* **HVAC Systems**: Temperature control and signaling.
* **Machine Tools**: Internal wiring of CNC machines and lathes.
---
- ⤷
What is the maximum current capacity for different AWG sizes of this cable?
- ⤷ Does this cable offer electromagnetic interference (EMI) shielding?
- ⤷ What is the difference between JZ
- ⤷ OZ
- ⤷ and JB cable types?