công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-J0-R

  • AI
    The **SVB-J0-R** is an electronic component primarily classified as a **safety switch or safety interlock part**, typically manufactured by brands like **IDEC** or related safety automation suppliers. It belongs to the **SXV/SVB series** of safety door switches. Below is a detailed breakdown of its electronic and physical specifications. --- ## 1. Core Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Safety Interlock Switch / Actuator Mechanism | | **Series** | SVB (Safety Vertical Block) | | **Contact Configuration** | Usually 1NC/1NO or 2NC (Safety Rated) | | **Rated Voltage** | 250V AC/DC (Typical Max) | | **Current Rating** | 3A to 10A (Depending on application) | | **Operating Force** | High-tension spring return | | **Material** | Reinforced Plastic / Metal Alloy Internal Components | | **Compliance** | UL, CSA, CE (TUV Safety Rated) | --- ## 2. Key Electronic Functions The SVB-J0-R serves as a critical link in an industrial safety circuit. Its electronic behavior is defined by its role in **Machine Guarding**: ### A. Positive Opening Operation The switch features "Positive Opening" (Force-guided) contacts. This means that if the contacts weld together due to an electrical surge, the physical force of removing the key/actuator is guaranteed to break the circuit, ensuring the machine stops. ### B. Dual-Channel Redundancy Often used in Category 3 or 4 safety systems, this part allows for dual-channel wiring. If one electrical contact fails, the second remains functional to report the "unsafe" condition to the Safety PLC or Relay. ### C. Low Resistance Contacts Designed for low-voltage signal processing, the internal contacts are typically gold-plated or high-conductivity silver to ensure reliable communication with a safety controller without voltage drops. --- ## 3. Physical & Mechanical Attributes The "-R" suffix often denotes a specific orientation or a **Right-Hand** configuration for the actuator entry point. * **Enclosure Rating:** Often IP67 (Dust-tight and waterproof). * **Actuation Type:** Slide-bolt or key-insertion mechanism. * **Mounting:** Vertical or horizontal block mounting for machine fences or doors. --- ## 4. Typical Applications 1. **CNC Machines:** To prevent the spindle from turning while the door is open. 2. **Robotic Cells:** Ensuring the robot enters an "Emergency Stop" or "Safe Torque Off" mode if a human enters the zone. 3. **Conveyor Systems:** Shutting down motors when maintenance panels are removed. ---
    ✨ Follow-up Questions
    • ⤷What are the wiring diagrams for the 1NC/1NO contact configuration?
    • ⤷ Is the SVB-J0-R compatible with standard IDEC safety actuators?
    • ⤷ What is the difference between the SVB-J0-R and the standard SVB-J0 model?