công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-HF-R/K

  • AI
    The **SVB-HF-R/K** is a high-performance, compact vacuum circuit breaker or switch-disconnector module, typically used in medium-voltage power distribution systems. These units are engineered for reliability in switching capacitive and inductive loads. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Type** | High-Frequency Vacuum Switch / Disconnector | | **Medium** | Vacuum Interrupter (Long life, zero maintenance) | | **Configuration** | "R" (Right-hand) or "K" (Compact/Specific mounting) | | **Operation** | Electromagnetic or Spring-actuated | | **Application** | Industrial power control, Rail, or Energy grids | --- ### 2. Core Electronic and Electromechanical Parts The "electronic" side of these units usually involves the control logic and the sensors that interface with the mechanical vacuum poles. #### A. Vacuum Interrupters (VI) The heart of the unit. It consists of a pair of contacts inside a hermetically sealed ceramic vacuum chamber. * **Function:** Extinguishes the electric arc almost instantly when the contacts separate. * **Electronics Link:** The gap distance is critical; electronic sensors often monitor the stroke length to ensure health. #### B. Solenoid / Actuator Coil This is the primary electromechanical interface. * **Closing Coil:** Receives a DC/AC pulse to drive the contacts together. * **Tripping Coil:** Activated by protection relays to force the circuit open during a fault. #### C. Auxiliary Switches (Microswitches) These are small signal switches linked to the main shaft. * **Function:** They provide feedback to the SCADA or control PLC regarding the "Open" or "Closed" status of the main contacts. #### D. Control Unit (Electronic PCB) In modern "HF" (High Frequency) variants, an integrated circuit board manages: * **Anti-pumping protection:** Prevents the device from rapidly cycling on and off if a continuous close signal is received during a fault. * **Voltage Rectification:** Converts incoming AC control power to DC for the coils. --- ### 3. Operational Characteristics 1. **High Frequency (HF):** The "HF" designation usually indicates the unit can handle high-frequency switching operations (thousands of cycles) without significant contact erosion. 2. **Safety Interlocks:** Electronic sensors prevent the unit from closing if the "R/K" chassis is not properly seated in its housing. 3. **Arc Suppression:** Because it uses a vacuum, there is no need for SF6 gas, making the electronic monitoring of gas pressure unnecessary. --- ### 4. Typical Wiring Diagram (Simplified) ```mermaid graph LR A[Control Signal 24-220V] --> B[Electronic Control PCB] B --> C{Interlock Check} C -- Valid --> D[Closing Solenoid] D --> E[Vacuum Interrupter] E --> F[Auxiliary Status Feedback] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage ratings for the SVB-HF-R/K series?
    • ⤷ How do the 'R' and 'K' designations affect the physical mounting of the unit?
    • ⤷ What are the common maintenance requirements for the vacuum interrupters in this model?