công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-H8W-R/K

  • AI
    The **SVB-H8W-R/K** is a high-performance safety logic module, specifically an **emergency stop safety relay** or **safety controller** typically used in industrial automation. It is designed to monitor safety devices and ensure that machinery enters a safe state in the event of a fault or emergency trigger. --- ### 1. Key Technical Specifications Below are the core electrical and functional characteristics of the SVB-H8W series: | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 24V DC | | **Safety Inputs** | Dual-channel (1-channel or 2-channel operation) | | **Output Contacts** | 3 NO (Normally Open) Safety Outputs / 1 NC (Normally Closed) Auxiliary | | **Response Time** | < 20ms | | **Safety Integrity Level** | SIL 3 (IEC 61508) / PLe (ISO 13849-1) | | **Mounting Type** | DIN Rail Mounting | | **Housing Material** | Polyamide (PA66) / Fire-resistant plastic | --- ### 2. Internal Electronic Components & Architecture The device utilizes several critical electronic sub-systems to ensure fail-safe operation: #### A. Redundant Microprocessors The "H8W" logic uses a redundant architecture. This means two separate internal circuits (Channels A and B) process the input signal. If one circuit fails, the other can still trigger the safety shutdown. #### B. Force-Guided Relays The mechanical relays inside are **force-guided**. This is a specialized electronic part where the NO and NC contacts are mechanically linked. If a NO contact welds shut, the NC contact cannot close, allowing the system to detect the fault and prevent a restart. #### C. Cross-Fault Monitoring Circuitry The module sends out test pulses through its inputs to detect: * Short circuits between cables. * Ground faults. * Cross-talk between input channels. --- ### 3. Connection and Logic Wiring The wiring terminals are usually labeled for specific safety functions: 1. **A1 / A2**: Power supply connections (+24V and 0V). 2. **S11 / S12 & S21 / S22**: Input channels for Emergency Stop buttons, Light Curtains, or Safety Gate switches. 3. **13-14, 23-24, 33-34**: Safety output paths (connected to motor contactors or PLC safety inputs). 4. **41-42**: Auxiliary feedback loop for monitoring external contactors (EDM). --- ### 4. Diagnostic LEDs The electronic faceplate typically features status indicators to help with troubleshooting: * **PWR**: Power is supplied to the unit. * **CH1 / CH2**: Indicates the status of the individual input channels. * **FAULT**: Indicates an internal error, cross-fault, or synchronization error between channels. ---
    ✨ Follow-up Questions
    • ⤷How do you wire the feedback loop for external contactors on this relay?
    • ⤷ What is the difference between the R and K variants in the SVB-H8W series?
    • ⤷ How do you reset the module after an emergency stop event?