AI

The **SVB-G9-R/Q** refers to a high-performance, single-axis servo driver (amplifier) from the **Sumitomo Heavy Industries** "SV-Net" or "Mechatrolink" compatible series. It is commonly paired with the **Cyclo Drive** or other precision motion control systems.
Below is the breakdown of the electronic components and technical specifications.
---
### 1. Core Technical Specifications
The SVB series is designed for precision position and speed control. The "R/Q" suffix usually denotes specific firmware revisions or interface protocols (like Mechatrolink-II).
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 3-Phase or Single-Phase 200V - 240V AC |
| **Control Interface** | Mechatrolink-II / SV-Net (High-speed serial) |
| **Feedback System** | Absolute or Incremental Encoder Support |
| **Current Rating** | Dependent on the specific G9 frame size (typically 1.5A to 15A) |
| **Cooling** | Natural Cooling or Built-in Fan (model dependent) |
---
### 2. Main Electronic Components
The internal architecture of the SVB-G9 series consists of several critical electronic sub-systems:
#### A. Power Stage (Inverter)
* **IPM (Intelligent Power Module):** Uses high-speed IGBTs (Insulated Gate Bipolar Transistors) to convert DC bus voltage into a 3-phase PWM signal to drive the motor.
* **Bridge Rectifier:** Converts incoming AC supply to DC voltage.
#### B. Control Logic & Processing
* **DSP/FPGA Architecture:** A high-speed Digital Signal Processor handles the PID control loops (Current, Velocity, and Position) at microsecond intervals.
* **Memory (EEPROM/Flash):** Stores parameter settings, error logs, and motor tuning profiles.
#### C. Interface & Communication
* **Communication ASIC:** Specifically handles the **Mechatrolink** protocol, ensuring low-jitter synchronization with the host PLC/Motion Controller.
* **Isolation Circuits:** Optocouplers or digital isolators separate the high-voltage power stage from the low-voltage control logic.
---
### 3. Connector Pinout Overview
The physical unit typically features the following ports:
1. **CN1 (Control/Comms):** Connection to the Mechatrolink-II network.
2. **CN2 (Encoder):** Feedback input from the motor (typically 17-bit or 20-bit serial encoders).
3. **CN3 (I/O):** Discrete inputs for Limit Switches (OT), Home Sensors, and Brake Control outputs.
4. **L1, L2, L3:** Main AC power input terminals.
5. **U, V, W:** 3-Phase motor output terminals.
---
### 4. Key Diagnostic Indicators
The unit features a **7-segment LED display** on the front panel to indicate system status:
* **"bb":** Base Block (Safe Torque Off state/Ready).
* **"run":** Motor is energized and under control.
* **"A.xx":** Alarm code (e.g., A.10 = Overcurrent, A.C9 = Encoder Comm Error).
---
- ⤷
What are the most common alarm codes for the SVB-G9 series?
- ⤷ How do I configure the Mechatrolink station address on this driver?
- ⤷ Is the SVB-G9-R/Q compatible with third-party AC servo motors?