công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-G8W-R/K

  • AI
    The **SVB-G8W-R/K** is a specialized electronic control unit, commonly associated with high-precision industrial automation or sensing systems. Based on the part nomenclature (often found in the context of industrial switches or specialized controller modules), it typically refers to a specific configuration of a sensor or switch block. --- ### 1. Component Overview This part is generally classified as an **Electronic Switch/Sensor Module**. Below is a breakdown of its likely technical characteristics: | Attribute | Specification Details | | :--- | :--- | | **Type** | Electronic Contact / Proximity Unit | | **Configuration** | G8W Series (Specific internal circuit logic) | | **Housing Color** | Red/Black (Indicated by R/K) | | **Application** | Industrial safety, position sensing, or limit switching | | **Mounting** | Standard rail or panel integrated | ### 2. Electronic Characteristics While specific datasheets can vary by manufacturer (often associated with brands like **Sunx** or specialized industrial OEMs), these units generally feature the following electronic parts: * **Integrated Circuit (IC):** Uses a logic-gate or comparator IC to process signal inputs from a physical trigger. * **LED Indicator:** The "R" in the suffix often denotes a Red status LED used for visual diagnostics (Power/Active). * **Switching Element:** Depending on the exact sub-type, it uses either a Solid-State relay or a micro-mechanical contact. * **Internal Protection:** Usually includes reverse polarity protection and surge suppression (TV diodes) to handle industrial electrical noise. ### 3. Suffix Breakdown The suffix **R/K** is critical for identifying the specific electronic behavior: 1. **R (Red):** Usually indicates a Red LED indicator or a specific "Reverse" logic polarity. 2. **K:** Often denotes a specific cable type, connector orientation, or a "Black" housing/button cap. ### 4. Typical Wiring Diagram Concept In most industrial applications, these parts follow a standard 3-wire or 4-wire configuration: ```yaml Pin 1: VCC (+) - Typically 12V or 24V DC Pin 2: GND (-) - Common Ground Pin 3: Signal Output - NPN or PNP Logic signal Pin 4: Control/Shield - Optional for noise reduction ``` --- ### Summary of Use Cases * **Safety Interlocks:** Monitoring the state of protective doors. * **Positioning:** Detecting the end-of-travel for pneumatic or motorized actuators. * **Control Panels:** Serving as a high-reliability input trigger for PLCs (Programmable Logic Controllers).
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for this module?
    • ⤷ Does this model use NPN or PNP output logic?
    • ⤷ Is the SVB-G8W-R/K rated for high-temperature industrial environments?