SVB-FZ-R/K
AI

The **SVB-FZ-R/K** is a high-performance, motorized ball valve assembly frequently used in HVAC, water treatment, and industrial automation systems. The "FZ" series typically refers to a specific actuator pairing known for fast response or high-torque capabilities.
---
### 1. Electronic Components Breakdown
The internal electronic architecture of the SVB-FZ-R/K is divided into the **Control Circuitry**, **Actuator Motor**, and **Feedback Mechanism**.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Synchronous Motor** | Brushless AC or DC motor | Drives the internal gear train to rotate the valve stem. |
| **Logic Controller** | Internal PCB (Printed Circuit Board) | Processes input signals and manages motor rotation limits. |
| **Limit Switches** | Micro-switches (Physical or Magnetic) | Cuts power automatically when the valve reaches fully open or closed positions. |
| **Feedback Potentiometer** | Variable resistor (in "R" models) | Provides real-time analog data of the valve's exact percentage of opening. |
| **Relay/Triac** | Electronic switching element | Handles the high-current load of the motor via low-voltage control signals. |
---
### 2. Technical Specifications
The electronics are designed for durability and precision control. Below are the typical parameters:
* **Operating Voltage:** 24V AC/DC or 220V AC (model dependent).
* **Control Signals:**
* *Floating/3-point:* (Open/Close/Stop).
* *Modulating:* 0-10V or 4-20mA (common in "K" variants).
* **Power Consumption:** 4VA to 8VA during operation; negligible during standby.
* **Protection Class:** IP54 or IP65 (protected against dust and water splashes).
---
### 3. Wiring Configuration
The wiring depends on the specific suffix (R or K). Below is a general overview of the 3-wire and 5-wire configurations often used in these units.
```yaml
Standard 3-Wire Configuration:
Blue (Neutral): Common ground
Brown (Live): Drive Open
Black (Live): Drive Closed
Feedback/Modulating Extension:
White/Grey: 0-10V Input signal
Green/Yellow: Status feedback signal (0-100% position)
```
### 4. Key Features (Electronic)
1. **Overload Protection:** The motor detects mechanical resistance and halts to prevent burnout if the valve is clogged.
2. **Manual Override:** Most FZ actuators include a button or lever that electronically decouples the gears for manual adjustment.
3. **Silent Operation:** Uses high-frequency PWM or precision gears to reduce acoustic noise during the 15–90 second stroke time.
---
- ⤷
What is the difference between the R and K suffixes in this model?
- ⤷ How do I troubleshoot a valve that receives power but does not rotate?
- ⤷ Can the SVB-FZ-R/K be integrated into a Modbus or BACnet network?