công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-E9-R/E

  • AI
    The **SVB-E9-R/E** is a specific electronic safety component, typically part of a **Safety Relay** or **Safety Interlock** system used in industrial automation. Based on its nomenclature, it is often associated with safety modules designed to monitor emergency stops, light curtains, or gate switches. --- ## 1. Core Technical Specifications The electronics of the SVB-E9-R/E are designed for high reliability and redundant safety monitoring. | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | Typically 24V DC / AC (Standard industrial control voltage) | | **Contact Configuration** | Redundant relay outputs (usually 2 to 3 safety contacts) | | **Response Time** | < 20ms to 50ms (Rapid disconnection upon error detection) | | **Safety Category** | Often rated up to SIL 3 / PLe (Category 4) | | **Enclosure** | DIN Rail mountable, IP20 rated terminal protection | --- ## 2. Key Electronic Components The internal architecture of this device consists of several critical layers to ensure "fail-safe" operation: ### A. Dual-Channel Monitoring The unit utilizes two independent internal circuits. If one circuit fails (e.g., a transistor shorts or a relay sticks), the second circuit is capable of shutting down the machinery. ### B. Forced-Guided Relays The "R" in the suffix usually denotes **Relay** outputs. These are not standard relays; they are "Force-Guided" (or mechanically linked). * **Mechanism:** If a Normally Open (NO) contact welds shut, the Normally Closed (NC) contact cannot move, allowing the electronics to detect a fault and prevent a restart. ### C. Feedback Loop Terminals The device includes specific electronic inputs for a **Feedback Loop (EDM - External Device Monitoring)**. This allows the SVB-E9 to monitor the state of external contactors to ensure they haven't welded before allowing the system to reset. --- ## 3. Wiring and Port Functions | Terminal Type | Function | | :--- | :--- | | **A1 / A2** | Power supply inputs (Positive / Negative). | | **S11/S12 & S21/S22** | Dual-channel input loops for Emergency Stop buttons or safety sensors. | | **13-14 / 23-24** | Safety outputs (NO) – these break the power to the machine's motor starters. | | **41-42** | Auxiliary output (NC) – typically used for status signaling to a PLC. | --- ## 4. Application Logic The electronic logic follows a **De-energize-to-Trip** principle. 1. **Start-up:** The unit checks for continuity across both input channels. 2. **Monitoring:** The internal micro-logic compares the timing between Channel A and Channel B (Simultaneity monitoring). 3. **Fault Detection:** If a short circuit occurs between channels or to the ground, the internal electronics trigger an immediate lockout.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for connecting the SVB-E9 to a dual-channel E-stop?
    • ⤷ How do I troubleshoot a 'fault' light on this specific safety relay model?
    • ⤷ What is the difference between the R and E suffixes in this product series?