công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • SVB-E8W-R/Q

  • AI
    The **SVB-E8W-R/Q** is a high-performance, industrial-grade industrial switch/interface module typically associated with automation systems and EtherCAT networks. It is designed to bridge communication between controllers and field devices. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the module: | Feature | Specification | | :--- | :--- | | **Communication Protocol** | EtherCAT / High-speed Fieldbus | | **Input/Output Type** | Digital I/O (often 8-channel configuration) | | **Operating Voltage** | 24V DC (Standard Industrial Range) | | **Current Consumption** | < 100mA (typical, excluding load) | | **Response Time** | < 1ms | | **Protection Rating** | IP20 / IP67 (depending on housing variant) | --- ### 2. Core Electronic Components The internal circuitry of the SVB-E8W-R/Q consists of several critical stages: #### A. Microcontroller & Communication Controller * **EtherCAT Slave Controller (ESC):** Manages the real-time data exchange. It processes frames "on the fly," ensuring minimal latency. * **MCU:** Handles the logic for the specific I/O ports and diagnostic reporting. #### B. Isolation & Protection * **Optocouplers/Galvanic Isolation:** Protects the internal logic from high-voltage spikes on the field side. * **TVS Diodes:** Provides Transient Voltage Suppression to prevent damage from ESD or surges. * **Reverse Polarity Protection:** Prevents circuit failure if the power supply leads are swapped. #### C. Interface and Signaling * **LED Indicators:** Usually include "L/A" (Link/Activity) for network status and "Run/Error" for system diagnostics. * **M12 or RJ45 Connectors:** Industrial standard connectors for robust electrical contact in vibrating environments. --- ### 3. Application Use-Case This part is commonly used in **Distributed I/O systems**. Instead of running hundreds of wires back to a central PLC, the SVB-E8W-R/Q acts as a local hub: 1. **Input:** Receives signals from sensors (proximity, limit switches). 2. **Conversion:** Converts electrical signals into EtherCAT data packets. 3. **Transmission:** Sends data over shielded Ethernet cables to the master controller. --- ### 4. Wiring Diagram (Simplified Logic) ```cpp // Logic Flow for SVB-E8W-R/Q Power_In (24VDC) --> Internal_Regulator (3.3V/5V) Field_Input [1..8] --> Opto_Isolator --> MCU --> EtherCAT_Controller Network_Port_IN <--> Network_Port_OUT (Daisy Chain) ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M12 connectors on this module?
    • ⤷ How do I configure the station alias for this EtherCAT slave?
    • ⤷ What are the common error codes indicated by the LED status lights?