SVB-C9-R/K
AI

The **SVB-C9-R/K** is a specialized electronic component, typically categorized as a **Vibration Sensor** or **Seismic Switch** often used in industrial machinery, elevators, or safety systems to detect excessive mechanical vibration or tilt.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Specifications
The "R/K" designation often refers to specific mounting or reset configurations (e.g., Manual vs. Automatic reset).
| Feature | Specification |
| :--- | :--- |
| **Type** | Vibration/Seismic Displacement Sensor |
| **Operating Voltage** | Typically 24V DC or 100-220V AC (model dependent) |
| **Contact Output** | Relay Contact (SPDT or DPDT) |
| **Reset Method** | Manual (R) or Automatic (K) configurations |
| **Sensitivity Range** | Adjustable (Gal or mm/s²) |
---
### 2. Core Electronic Components
The internal architecture of the SVB-C9 series generally consists of the following electronic blocks:
#### A. Sensing Mechanism
* **Mass-Spring System:** Many versions use a weighted pendulum or a spring-loaded mass. When vibration exceeds a certain threshold, the mass moves, triggering a mechanical or optical switch.
* **Accelerometers (Digital Versions):** High-end variants may use a MEMS (Micro-Electro-Mechanical Systems) accelerometer to convert physical motion into an electrical signal.
#### B. Signal Processing Circuitry
* **Comparator/Threshold Logic:** Analyzes the input from the sensor. If the G-force (Gal) exceeds the preset limit, the circuit triggers the output relay.
* **Time Delay Circuit:** Prevents "nuisance tripping" caused by momentary shocks or minor bumps that do not represent a sustained vibration hazard.
#### C. Output Stage
* **Dry Contact Relay:** The primary electronic interface. This allows the sensor to be integrated into a larger Control Panel or Emergency Power Off (EPO) circuit.
* **Status LEDs:** Usually includes a Green (Power/Normal) and Red (Alarm/Tripped) LED indicator.
---
### 3. Wiring and Integration
The electronic interface usually follows a standard industrial pinout:
```yaml
Pin 1: Power Input (+)
Pin 2: Power Input (-)
Pin 3: Common (COM)
Pin 4: Normally Open (NO) - Closes upon vibration detection
Pin 5: Normally Closed (NC) - Opens upon vibration detection
```
### 4. Typical Applications
1. **Elevator Safety:** To stop the elevator car during a seismic event (Earthquake).
2. **Cooling Towers:** To shut down fans if a blade becomes unbalanced.
3. **Industrial Boilers:** To cut fuel supply in the event of a structural impact or collapse.
---
- ⤷What is the specific Gal (acceleration) range for the SVB-C9 model?
- ⤷ How do you calibrate the sensitivity on this vibration sensor?
- ⤷ What is the difference between the R and K suffix in this part number?