SVB-C8W-R/Q
AI

The **SVB-C8W-R/Q** is a specific part number typically associated with **industrial signage or signaling components**, specifically high-performance **LED Signal Towers** (often manufactured by companies like Menics or similar industrial automation brands).
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
## 1. Technical Specifications
The part number follows a modular coding system. Here is the general breakdown of its electronic capabilities:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Input Voltage** | 24V DC (Standard) | Common in PLC-controlled environments. |
| **Light Source** | LED (High Intensity) | Long-lifespan, low heat generation. |
| **Number of Tiers** | Custom (often 1-5) | The "C8" often refers to the 80mm diameter size. |
| **Audible Signal** | Integrated Buzzer | "W" usually indicates an optional internal buzzer. |
| **Output Type** | PNP / NPN Compatible | Open collector or relay contact driven. |
| **Protection Rating** | IP65 / IP54 | Dust-tight and resistant to water splashes. |
---
## 2. Key Electronic Components
### A. LED Array Modules
Unlike incandescent bulbs, these units use surface-mount or high-power LEDs. They are wired in parallel or series depending on the voltage regulation circuit within the base. This ensures that if one light tier fails, the others remain functional.
### B. The Buzzer (Sounder)
The "W" in the suffix usually denotes a **piezoelectric buzzer**.
* **Decibel Level:** Typically 80-90dB at 1 meter.
* **Control:** It can be triggered independently of the lights or synchronized with a specific color (usually Red).
### C. Internal Circuitry
* **Voltage Regulation:** Most units include an internal diode bridge and capacitors to handle minor voltage fluctuations and prevent damage from reverse polarity.
* **Transistor Switching:** The base unit contains a control board that interprets signals from a PLC (Programmable Logic Controller) or manual switch to activate specific color modules.
---
## 3. Wiring and Connectivity
These parts usually come with a multi-core cable where each color corresponds to a specific LED tier:
| Wire Color | Function |
| :--- | :--- |
| **Red** | Red Light Layer |
| **Green** | Green Light Layer |
| **Yellow / Amber** | Yellow Light Layer |
| **White** | Buzzer (or White Light) |
| **Black / Blue** | Common (GND or +V depending on NPN/PNP) |
---
## 4. Mounting & Environment
The **SVB** series is designed for "Base Mounting." The **C8** indicates a large **80mm diameter lens**, providing high visibility over long distances in large factory floors. The **R/Q** suffix usually refers to the specific color combination or the mounting hardware included (e.g., Pole mount vs. Direct mount).
---
- ⤷
What is the difference between NPN and PNP wiring for this signal tower?
- ⤷ Can the buzzer volume be adjusted on the SVB-C8W model?
- ⤷ What are the specific power consumption ratings per LED tier?